Electronic Components Datasheet Search
  English  ▼

X  

2SC5434 Datasheet(PDF) 6 Page - NEC

Part # 2SC5434
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5434 Datasheet(HTML) 6 Page - NEC

  2SC5434 Datasheet HTML 1Page - NEC 2SC5434 Datasheet HTML 2Page - NEC 2SC5434 Datasheet HTML 3Page - NEC 2SC5434 Datasheet HTML 4Page - NEC 2SC5434 Datasheet HTML 5Page - NEC 2SC5434 Datasheet HTML 6Page - NEC 2SC5434 Datasheet HTML 7Page - NEC 2SC5434 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5434
6
Preliminary Data Sheet
2SC5434
S PARAMETER
VCE = 1 V, IC = 3 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.845
–26.5
8.141
152.0
0.040
72.5
0.914
–17.3
400.00
0.659
–47.9
6.589
131.2
0.067
57.7
0.740
–29.5
600.00
0.531
–66.7
5.355
115.3
0.084
50.6
0.604
–38.8
800.00
0.439
–79.3
4.509
104.9
0.093
47.4
0.530
–44.1
1000.00
0.359
–89.4
3.893
97.9
0.102
45.4
0.478
–45.5
1200.00
0.297
–100.0
3.419
91.6
0.112
44.9
0.428
–45.3
1400.00
0.258
–110.8
2.999
84.5
0.122
45.7
0.385
–46.1
1600.00
0.229
–121.7
2.665
79.2
0.129
47.7
0.346
–47.8
1800.00
0.206
–133.2
2.416
75.4
0.135
49.2
0.319
–50.4
2000.00
0.194
–147.5
2.179
71.0
0.140
48.6
0.297
–53.1
2200.00
0.199
–160.3
2.002
65.7
0.149
48.3
0.274
–55.7
2400.00
0.211
–169.1
1.890
61.0
0.160
48.4
0.253
–60.1
2600.00
0.222
–176.6
1.809
58.0
0.173
49.1
0.239
–65.3
2800.00
0.232
176.3
1.694
55.4
0.178
50.2
0.232
–69.8
3000.00
0.247
170.1
1.579
51.5
0.183
50.1
0.221
–73.5
VCE = 1 V, IC = 1 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.954
–14.1
3.423
163.2
0.045
78.6
0.979
–8.8
400.00
0.865
–27.4
3.090
148.0
0.081
66.6
0.906
–17.1
600.00
0.772
–42.4
2.783
133.9
0.113
57.5
0.818
–26.4
800.00
0.714
–54.6
2.594
122.0
0.134
50.4
0.768
–34.5
1000.00
0.637
–63.9
2.450
113.2
0.150
44.2
0.731
–38.8
1200.00
0.557
–72.2
2.206
105.8
0.164
39.3
0.676
–41.1
1400.00
0.489
–81.2
1.991
97.0
0.177
36.8
0.618
–43.9
1600.00
0.432
–90.6
1.871
89.4
0.180
35.9
0.563
–47.2
1800.00
0.388
–99.1
1.743
83.4
0.181
34.3
0.525
–51.1
2000.00
0.339
–109.2
1.602
77.9
0.180
31.3
0.495
–54.6
2200.00
0.310
–120.9
1.499
71.1
0.185
29.5
0.464
–57.8
2400.00
0.305
–132.1
1.432
65.2
0.188
28.9
0.434
–62.7
2600.00
0.298
–140.4
1.388
61.1
0.192
29.4
0.418
–67.8
2800.00
0.290
–148.7
1.313
57.7
0.188
29.9
0.414
–71.7
3000.00
0.286
–157.6
1.234
53.0
0.186
29.5
0.398
–74.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com