Electronic Components Datasheet Search
  English  ▼

X  

TK3608M Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # TK3608M
Description  Phase Control Thyristor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TK3608M Datasheet(HTML) 1 Page - Dynex Semiconductor

  TK3608M Datasheet HTML 1Page - Dynex Semiconductor TK3608M Datasheet HTML 2Page - Dynex Semiconductor TK3608M Datasheet HTML 3Page - Dynex Semiconductor TK3608M Datasheet HTML 4Page - Dynex Semiconductor TK3608M Datasheet HTML 5Page - Dynex Semiconductor TK3608M Datasheet HTML 6Page - Dynex Semiconductor TK3608M Datasheet HTML 7Page - Dynex Semiconductor TK3608M Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
TK36
www.dynexsemi.com
FEATURES
s High Surge Capability
APPLICATIONS
s High Power Drives
s High Voltage Power Supplies
s DC Motor Control
s Welding
s Battery Chargers
VOLTAGE RATINGS
ORDERING INFORMATION
When ordering, select the required part number shown in the
Voltage Ratings selection table, then:-
Add K to type number for 3/4" 16 UNF thread, e.g. TK36 12K.
or
Add M to type number for M16 thread, e.g. TK36 12M.
Note: Please use the complete part number when ordering
and quote this number in any future correspondance relating
to your order.
KEY PARAMETERS
V
DRM
1200V
I
T(AV)
245A
I
TSM
5500A
dVdt*
200V/
µs
dI/dt
500A/
µs
*Higher dV/dt selections available
TK36
Phase Control Thyristor
Advance Information
Replaces January 2000 version, DS4255-4.0
DS4255-5.0 July 2001
TK36 12 M or K
TK36 10 M or K
TK36 08 M or K
Conditions
T
vj = 0˚ to 125˚C,
I
DRM = IRRM = 100mA,
V
DRM, VRRM tp = 10ms,
V
DSM & VRSM =
V
DRM & VRRM + 100V
respectively
Lower voltage grades available.
Type Number
Repetitive Peak
Voltages
V
DRM VRRM
V
1200
1000
800
Fig. 1 Package outline
Outline type code: TO93.
See Package Details for further information.


Similar Part No. - TK3608M

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TK36 EXTECH-TK36 Datasheet
122Kb / 3P
Basic Electrical HVAC Current Clamp Meter Test Kit
logo
Altech corporation
TK3625 ALTECH-TK3625 Datasheet
121Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 3625
More results

Similar Description - TK3608M

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-25 SEMPO-SMT-25 Datasheet
49Kb / 1P
Phase Control Thyristor
SMT-100 SEMPO-SMT-100 Datasheet
38Kb / 1P
Phase Control Thyristor
SMTC3-3500 SEMPO-SMTC3-3500 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-3000 SEMPO-SMTC2-3000 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1800F SEMPO-SMTC2-1800F Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1500 SEMPO-SMTC2-1500 Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-300 SEMPO-SMT-300 Datasheet
40Kb / 1P
Phase Control Thyristor
SMTC1-800 SEMPO-SMTC1-800 Datasheet
56Kb / 1P
Phase Control Thyristor
SMTC2-600 SEMPO-SMTC2-600 Datasheet
56Kb / 1P
Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com