Electronic Components Datasheet Search
  English  ▼

X  

TK3608M Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # TK3608M
Description  Phase Control Thyristor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TK3608M Datasheet(HTML) 4 Page - Dynex Semiconductor

  TK3608M Datasheet HTML 1Page - Dynex Semiconductor TK3608M Datasheet HTML 2Page - Dynex Semiconductor TK3608M Datasheet HTML 3Page - Dynex Semiconductor TK3608M Datasheet HTML 4Page - Dynex Semiconductor TK3608M Datasheet HTML 5Page - Dynex Semiconductor TK3608M Datasheet HTML 6Page - Dynex Semiconductor TK3608M Datasheet HTML 7Page - Dynex Semiconductor TK3608M Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
www.dynexsemi.com
TK36
CURVES
SINUSOIDAL CURRENT WAVEFORM
RECTANGULAR CURRENT WAVEFORM
Fig.3 Maximum on-state power dissipation for sinusoidal
current waveform
Fig.2 Maximum (limit) on-state characteristics
Fig.4 Maximum allowable case temperature for sinusoidal
current waveform
0
2.0
4.0
6.0
Instantaneous on-state voltage, VT - (V)
0
1000
2000
3000
4000
5000
Measured under pulse conditions
Tj = 125˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com