Electronic Components Datasheet Search
  English  ▼

X  

SSF318W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF318W
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF318W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSF318W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF318W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF318W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF318W Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSF318W
50V , 200mA , RDS(ON) 3.5
N-Ch Enhancement Mode Power MOSFET
07-Feb-2014 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
J1
SOT-323
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Typical applications are dc–dc converters,
power management in portable and battery–powered
products such as computers, printers, PCMCIA cards,
cellular and cordless telephones.
FEATURES
Lower Gate Charge
Small Package Outline
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-323
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
50
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TA=25°C
I D
200
mA
Pulsed Drain Current (tp ≤ 10µS)
IDM
800
mA
Power Dissipation
TA=25°C
P D
150
mW
Maximum Junction-to-Ambient
RθJA
556
°C / W
Maximum Lead Temperature for Soldering Purposes, for 10
seconds
TL
260
°C
Operating Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40


Similar Part No. - SSF318W

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSF318W VBSEMI-SSF318W Datasheet
1,015Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSF318WJ-C SECOS-SSF318WJ-C Datasheet
251Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SSF318W SECOS-SSF318W_15 Datasheet
492Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSF318W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2310A SECOS-SMG2310A Datasheet
906Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSD20N10-130D SECOS-SSD20N10-130D Datasheet
538Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSE04N65SL SECOS-SSE04N65SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF02N65SL SECOS-SSRF02N65SL Datasheet
577Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com