Electronic Components Datasheet Search
  English  ▼

X  

SSF318W Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF318W
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF318W Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSF318W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF318W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF318W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF318W Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSF318W
50V , 200mA , RDS(ON) 3.5
N-Ch Enhancement Mode Power MOSFET
07-Feb-2014 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
50
-
-
V
VGS=0, ID=250µA
Gate-Threshold Voltage
VGS(th)
0.5
-
1.5
V
VDS=VGS, ID=1mA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VGS=±20V
-
-
0.1
VDS=25V, VGS=0
Drain-Source Leakage Current
IDSS
-
-
0.5
µA
VDS=50V, VGS=0
-
5.6
10
VGS=2.75V, ID<200mA,
TA=-40°C ~85°C
Drain-Source On-Resistance
1
RDS(ON)
-
-
3.5
VGS=5V, ID=200mA
Forward Transconductance
gfs
100
-
-
mS
VDS=25V, ID=200mA, f=1KHz
Switch
2
Turn-on Delay Time
1
Td(on)
-
20
-
Turn-off Delay Time
Td(off)
-
20
-
nS
VDD=30V,
ID=200mA
Dynamic
Input Capacitance
Ciss
-
40
-
Output Capacitance
Coss
-
12
-
Reverse Transfer Capacitance
Crss
-
3.5
-
pF
VGS=0,
VDS=25V,
f=1.0MHz
Notes:
1. Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com