Electronic Components Datasheet Search
  English  ▼

X  

SST6601 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SST6601
Description  N And P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SST6601 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SST6601 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SST6601 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SST6601 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SST6601 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SST6601 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SST6601 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SST6601 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Elektronische Bauelemente
SST6601
3.4A, 30V, RDS(ON) 55mΩ
Ω
Ω
Ω
-2.3A, -30V, RDS(ON) 115mΩ
Ω
Ω
Ω
N And P-Channel Enhancement Mode Power MOSFET
25-Mar-2014 Rev. A
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
6 6 0 1
= Date Code
TOP VIEW
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SST6601 provide the designer with best combination
of fast switching, low on-resistance and cost effectiveness.
The SOT-26 package is universally used for all
commercial-industrial surface mount applications.
FEATURES
Low Gate Charge
Low On-resistance
MARKING CODE
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Ratings
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±12
±12
V
TA = 25°C
3.4
-2.3
Continuous Drain Current
3
TA = 70°C
ID
2.7
-1.8
A
Pulsed Drain Current
1
IDM
12
-10
A
Power Dissipation
PD
1.14
W
Maximum Junction to Ambient
3
RθJA
110
°C / W
Linear Derating Factor
0.01
W / °C
Operating Junction & Storage Temperature Range
TJ, TSTG
-55~150
°C
Package
MPQ
Leader Size
SOT-26
3K
7 inch
SOT-26
A
H
E
F
L
G
J
K
C
D
B
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0.37 REF.
B
2.60
3.00
H
0.30
0.55
C
1.20 REF.
J
-
-
D
1.40
1.80
K
0.12 REF.
E
0.95 REF.
L
-
0.10
F
0.60 REF.


Similar Part No. - SST6601

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SST6601 VBSEMI-SST6601 Datasheet
613Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SST6601-C SECOS-SST6601-C Datasheet
826Kb / 7P
N And P-Channel Enhancement Mode Power MOSFET
SST6601 SECOS-SST6601_15 Datasheet
910Kb / 7P
N And P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SST6601

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com