Electronic Components Datasheet Search
  English  ▼

X  

AKTSC21 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AKTSC21
Description  MECHANICAL CONTACT STYLE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AKTSC21 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AKTSC21 Datasheet HTML 1Page - List of Unclassifed Manufacturers AKTSC21 Datasheet HTML 2Page - List of Unclassifed Manufacturers AKTSC21 Datasheet HTML 3Page - List of Unclassifed Manufacturers AKTSC21 Datasheet HTML 4Page - List of Unclassifed Manufacturers AKTSC21 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
M
APEM, 63 NECK ROAD, HAVERHILL, MA USA 01835 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
SOLDERINGPROCESSES
WAVE SOLDERING:
HAND SOLDERING:
Recommended solder temperature at 500ºF (260ºC) max. 5 seconds subject to PCB 1.6mm
thickness. (For through hole type)
HOW TO ORDER
ADTS
V
Package Style:
= Bulk Pack
* B = Tube
* Except ADTS-63, 644, 648, 65, 66
Soldering:
V = Lead Free
Color Of Stem For Operating Force:
K= Black, 100gf
N = Brown, 160gf
R = Red, 260gf
S = Salmon, 320gf
Y = Yellow, 520gf
N/K = Black, 160gf
< 12 x 12, K, Y Unavailable>
Dimension H:
6 x 6mm:
1 = 4.3mm
2 = 5.0mm
3 = 7.0mm
44= 7.3mm (SQ.) x 2.4mm
48= 7.3mm (SQ.) x 2.8mm
5 = 9.5mm
6 = 13mm
12 x 12mm:
1 = 4.3mm
4 = 7.3mm (SQ.) x 3.8mm
5 = 8.5mm
Prod. Size
6 = 6.6mm
2 = 12 x 12mm
= None Post
M = Surface Mount
CIRCUIT
Use a soldering iron of 30 watts, controlled at 350ºC approximately 5 seconds while applying
solder.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com