Electronic Components Datasheet Search
  English  ▼

X  

AKTSC21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AKTSC21
Description  MECHANICAL CONTACT STYLE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AKTSC21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AKTSC21 Datasheet HTML 1Page - List of Unclassifed Manufacturers AKTSC21 Datasheet HTML 2Page - List of Unclassifed Manufacturers AKTSC21 Datasheet HTML 3Page - List of Unclassifed Manufacturers AKTSC21 Datasheet HTML 4Page - List of Unclassifed Manufacturers AKTSC21 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M
APEM, 63 NECK ROAD, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
ADTS6, ADTSM &
AKTSC6 SERIES
(SQUARE STEM WITH CAP OPTIONS)
MECHANICALCONTACTSTYLE
MATERIALS
COVER:
BASE:
STEM:
CONTACTDISC:
TERMINAL:
CAP:
Operational Force:
Stop Strength:
Stoke:
OperatingTemperatureRange:
Storage Temperature Range:
Vibration resistance:
Shock resistance:
FEATURES
Positive tactile feedback.
Ultraminiature structure suitable for high density mounting. Economic but high reliability.
Insert molded terminals prevent flux build-up during soldering.
100,000 cycles for 320gf, 520gf.
100,000 cycles for 260gf.
200,000 cycles for 100gf, 160gf.
50 mA,12 VDC.
100 milliohms max.
100 megohms min. 500 VDC.
250 VAC /1 minute.
1 pole 1 throw.
520 + 130gf Brown
320 + 80gf Brown
260 + 50gf Red
160 + 50gf Brown
100 + 50gf Black
Max 3kgf vertical static load continuously for 15 seconds.
(12x12) 0.35 + 0.1mm
(6x6) 0.25 + 0.2 mm
- 0.1 mm
-25ºC to + 70ºC
-30ºC to + 80ºC
MIL-STD-202FMETHOD201A.
Frequency: 10-55-10Hz/1minute.
Directions: X,Y,Z, three mutually perpendicular directions.
Time: 2 hours each direction.
High reliability.
MIL-STD-202FMETHOD213B.
Frequency: 10-55-10Hz/1minute.
Directions: X,Y,Z, three mutually perpendicular directions.
Time: 2 hours each direction.
High reliability.
Stainless steel.
UL94V-0 Nylon Thermoplastic.
Color: Black
UL94V-0 Nylon Thermoplastic.
Color: Black(100gf), Brown(160gf), Red(260gf), Salmon(320gf),Yellow(520gf)
Silicone rubber Color: Red(300gf)
Phosphor bronze with silver cladding.
Brass with silver plating.
Termoplastic ABS.
(Y)
(S)
(R)
(N)
(K)
GENERALSPECIFICATIONS
ELECTRICALS
Electrical life:
Rating:
Contact resistance:
Insulation resistance:
Dielectric Strength:
Contact Arrangement:
MECHANICALS


Similar Part No. - AKTSC21

ManufacturerPart #DatasheetDescription
logo
APEM
AKTSC21 APEM-AKTSC21 Datasheet
237Kb / 5P
(SQUARE STEM WITH CAP OPTIONS) MECHANICAL CONTACT STYLE
AKTSC21B APEM-AKTSC21B Datasheet
237Kb / 5P
(SQUARE STEM WITH CAP OPTIONS) MECHANICAL CONTACT STYLE
AKTSC21G APEM-AKTSC21G Datasheet
237Kb / 5P
(SQUARE STEM WITH CAP OPTIONS) MECHANICAL CONTACT STYLE
AKTSC21I APEM-AKTSC21I Datasheet
237Kb / 5P
(SQUARE STEM WITH CAP OPTIONS) MECHANICAL CONTACT STYLE
AKTSC21K APEM-AKTSC21K Datasheet
237Kb / 5P
(SQUARE STEM WITH CAP OPTIONS) MECHANICAL CONTACT STYLE
More results

Similar Description - AKTSC21

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05F4 MOTOROLA-MC68HC05F4 Datasheet
12Kb / 2P
MECHANICAL DATA
logo
Grayhill, Inc
70M-ODC5R GRAYHILL-70M-ODC5R Datasheet
113Kb / 2P
Dry Contact and Mechanical Relay Output Modules
logo
Yamaichi Electronics Co...
IC275-04833 YAMAICHI-IC275-04833 Datasheet
104Kb / 2P
Through Hole - Spring Probe Contact Style
logo
Molex Electronics Ltd.
0905004014 MOLEX10-0905004014 Datasheet
195Kb / 4P
2.54mm (.100) Right Angle, ZIF, Dual Contact Style Receptacle, 14 Circuits
5008052272 MOLEX11-5008052272 Datasheet
277Kb / 6P
0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style, Gold Contact
logo
Tyco Electronics
1648325-1 MACOM-1648325-1 Datasheet
39Kb / 1P
CONTACT, SOCKET, SIZE NO. 20 CRIMP STYLE, LOW INSERTION FORCE
logo
List of Unclassifed Man...
ADTS6-ADTSM-KTSC6 ETC-ADTS6-ADTSM-KTSC6 Datasheet
237Kb / 5P
MECHANICAL CONTACT STYLE
logo
Grayhill, Inc
05001-02 GRAYHILL-05001-02 Datasheet
59Kb / 1P
High Contact Force Provides Stable Electrical and Mechanical Operation
logo
New Jersey Semi-Conduct...
1N144 NJSEMI-1N144 Datasheet
82Kb / 1P
MECHANICAL
logo
Cherry Semiconductor Co...
G81-1800 CHERRY-G81-1800 Datasheet
55Kb / 4P
Mechanical individual keys with membrane contact switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com