Electronic Components Datasheet Search
  English  ▼

X  

ESDL05R Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # ESDL05R
Description  Low Capacitance ESD Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ESDL05R Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  ESDL05R Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ESDL05R Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH ESDL05R Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESDL05R
8W, 5V
Low Capacitance ESD Protection
Elektronische Bauelemente
14-Aug-2012 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
= Date Code
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The ESDL05R is an ESD transient voltage
suppression component which provides a very high
level of protection for sensitive electronic components
that may be subjected to electrostatic discharge (ESD).
It is particularly well-suited for cellular phones, portable
device, digital cameras, power supplies and many
other portable applications because of its small
package and low weight.
The ESDL05R is Uni-directional, Safely dissipate
ESD strikes of Level 4, IEC61000-4-2, exceeding the
maximum requirement. Using the MILSTD-883
(Method 3015) specification for Human Body Model
(HBM) ESD, the device provides protection for contact
discharges to greater than +/-10KV.
The ESDL05R is available in a SOD-523 package
with peak reverse working voltage of 5 voltages.
APPLICATIONS
Digital Cameras
Portable Instrumentation
Notebooks, Desktops, and Serves
Personal Digital Assistants (PDAs)
Cell phone handsets and accessories
FEATURES
low clamping voltage
Low leakage current
Small package
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-523
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Rating
Symbol
Value
Unit
IEC 61000-4-2 (ESD)
Air contact
±15
kV
Contact discharge
±10
Maximum peak pulse current (tp=8/20us)
IPP
9
A
Storage temperature range
TJ, TSTG
-55 ~ 150
°C
Lead temperature
TL
260
°C
.
SOD-523
X
E
F
B
C
D
A
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.50
1.70
D
1.10
1.30
B
0.70
0.90
E
0.25
0.35
C
0.50
0.77
F
0.07
0.20


Similar Part No. - ESDL05R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ESDL05R SECOS-ESDL05R_15 Datasheet
166Kb / 3P
Low Capacitance ESD Protection
More results

Similar Description - ESDL05R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ESDL05R SECOS-ESDL05R_15 Datasheet
166Kb / 3P
Low Capacitance ESD Protection
STESD05CL SECOS-STESD05CL_15 Datasheet
412Kb / 3P
Low Capacitance ESD Protection
logo
Pan Jit International I...
PJEC5V0M1TM PANJIT-PJEC5V0M1TM Datasheet
260Kb / 6P
Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
FM05VDB-10PF FUTUREWAFER-FM05VDB-10PF Datasheet
789Kb / 6P
Low Capacitance ESD Protection
FESD3V3B FUTUREWAFER-FESD3V3B Datasheet
546Kb / 3P
Low capacitance ESD protection
logo
SeCoS Halbleitertechnol...
KS05VL4 SECOS-KS05VL4_18 Datasheet
160Kb / 2P
Low Capacitance ESD Protection
logo
Shanghai Yint Electroni...
ESDSLVU2.8-4 YINT-ESDSLVU2.8-4 Datasheet
842Kb / 4P
Low Capacitance ESD Protection
logo
Littelfuse
AQ3400 LITTELFUSE-AQ3400 Datasheet
1Mb / 5P
Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1605M4AQ PANJIT-PE1605M4AQ Datasheet
331Kb / 5P
Low Capacitance ESD Protection
February 9,2017-REV.00
PEC3107M1AQ PANJIT-PEC3107M1AQ Datasheet
224Kb / 5P
Low Capacitance ESD Protection
July 5,2018-REV.01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com