Electronic Components Datasheet Search
  English  ▼

X  

ESDL05R Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # ESDL05R
Description  Low Capacitance ESD Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ESDL05R Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  ESDL05R Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ESDL05R Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH ESDL05R Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ESDL05R
8W, 5V
Low Capacitance ESD Protection
Elektronische Bauelemente
14-Aug-2012 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS(T
A=25
°C unless otherwise noted, VF=1V Max. @ IF=10 mA for all types)
Device
VRWM
(V)
IR((((µA)
@ VRWM
VBR (V)
@ IT
1
IT
VC (V)
@ IPP=1A
VC
C
(pF)
Max.
Max.
Min.
mA
Max.
Per IEC61000−4−2
Typ.
Max.
ESDL05R
5
1
6.2
1
8
Figures 2 & 3 See
Below
0.5
0.9
Note:
1.
VBR is measured with a pulse test current IT at an ambient temperature of 25°C.
RATINGS AND CHARACTERISTICS CURVES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com