Electronic Components Datasheet Search
  English  ▼

X  

SMS2310 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS2310
Description  N-Channel Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS2310 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMS2310 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS2310 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS2310 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SMS2310
3A, 60V, RDS(ON) 105mΩ
Ω
Ω
Ω
N-Channel Enhancement MOSFET
13-Dec-2013 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
SOT-23
S10
Top View
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
APPLICATION
Battery Switch
DC/DC Converter
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
60
V
Continuous Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
3
A
Pulsed Drain Current
1
IDM
10
A
Power Dissipation
PD
0.35
W
Thermal Resistance, Junction to Ambient
2
RθJA
357
°C/W
Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50


Similar Part No. - SMS2310

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SMS2310 VBSEMI-SMS2310 Datasheet
509Kb / 9P
N-Channel 60-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMS2310 SECOS-SMS2310_15 Datasheet
362Kb / 3P
N-Channel Enhancement MOSFET
More results

Similar Description - SMS2310

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com