Electronic Components Datasheet Search
  English  ▼

X  

PS9701 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS9701
Description  HIGH SPEED DIGITAL OUTPUT TYPE SOP OPTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9701 Datasheet(HTML) 4 Page - California Eastern Labs

  PS9701 Datasheet HTML 1Page - California Eastern Labs PS9701 Datasheet HTML 2Page - California Eastern Labs PS9701 Datasheet HTML 3Page - California Eastern Labs PS9701 Datasheet HTML 4Page - California Eastern Labs PS9701 Datasheet HTML 5Page - California Eastern Labs PS9701 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
Ambient Temperature, TA (
°C)
PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
SWITCHING TIME
vs. AMBIENT TEMPERATURE
IF = 7.5 mA
VCC = 5 V
RL = 350
Ω
tPLH
tPHL
120
100
80
60
40
20
0
-50
-25
0
25
50
75
100
IF = 7.5 mA
VCC = 5 V
RL = 350
Ω
tr
tf
25
20
15
10
5
0
-50
-25
0
25
50
75
100
PS9701



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com