Electronic Components Datasheet Search
  English  ▼

X  

PS9701 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9701
Description  HIGH SPEED DIGITAL OUTPUT TYPE SOP OPTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9701 Datasheet(HTML) 1 Page - California Eastern Labs

  PS9701 Datasheet HTML 1Page - California Eastern Labs PS9701 Datasheet HTML 2Page - California Eastern Labs PS9701 Datasheet HTML 3Page - California Eastern Labs PS9701 Datasheet HTML 4Page - California Eastern Labs PS9701 Datasheet HTML 5Page - California Eastern Labs PS9701 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
•
SOP (SMALL OUTLINE PACKAGE)
4.5 x 7.3 x 2.3 mm MAX
•
HIGH SPEED RESPONSE
tPHL, tPLH = 50 ns TYP
•
HIGH ISOLATION VOLTAGE
BV = 2500 Vr.m.s. MIN
•
LOW INPUT CURRENT
IFHL = 2.5 mA TYP
•
TAPING PRODUCT NUMBER
PS9701-F3
DESCRIPTION
PS9701 is an optically coupled isolator containing a GaAIAs
LED on the light emitting side (input side) and a photodiode and
a signal processing circuit on the light receiving side (output
side) on one chip. This is an SOP (Small Out-line Package)
type for high density applications.
PS9701
HIGH SPEED DIGITAL OUTPUT
TYPE SOP OPTOCOUPLER
APPLICATIONS
•
COMPUTER AND PERIPHERAL MEMORY
•
ELECTRONIC INSTRUMENT
•
AUDIO-VISUAL INTERFACE
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
PART NUMBER
PS9701
SYMBOL
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 10 mA
V
1.4
1.65
1.9
IR
Reverse Current, VR = 5 V
µA10
Ct
Capacitance, V = 0, f = 1 MHz
pF
60
IOH
High Level Output Current
µA
2
250
Vcc = VO = 5.5 V, IF = 250
µA, TA = 0 to 70°C
VOL
Low Level Output Voltage
V
0.3
0.6
Vcc = 5.5 V, IF = 7.5 mA, IO = 13 mA, TA = 0 to 70
°C
ICCH
High Level Supply Current, VCC = 5.5 V, IF = 0, TA = 0 to 70
°CmA
4
6
8
ICCL
Low Level Supply Current, VCC = 5.5 V, IF = 10 mA, TA = 0 to 70
°C
mA
9
12
15
IFHL
Threshhold Input Current, High
→ Low
mA
VCC = 5 V, VO = 0.8 V, RL = 350
Ω, TA = 25°C
0.5
2.5
5
VCC = 5 V, TA = -40 to +85
°C, VO = 0.8 V, RL = 350 Ω
7
R1-2
Isolation Resistance, Vin-out = 1 k VDC, RH = 40 to 60%
Ω
1011
C1-2
Isolation Capacitance, V = 0, f = 1 MHz
pF
0.4
tPHL
Propagation Delay Time1, High
→ Low
ns
50
75
VCC = 5 V, IF = 7.5 mA, RL = 350
Ω, CL = 15 pF
tPLH
Propagation Delay Time1, Low
→ High
ns
50
75
VCC = 5 V, IF = 7.5 mA, RL = 350
Ω, CL = 15 pF
tr
Rise Time, VCC = 5 V, IF = 7.5 mA, RL = 350
Ω, CL = 15 pF
ns
20
tf
Fall Time, VCC = 5 V, IF = 7.5 mA, RL = 350
Ω, CL = 15 pF
ns
10
1.Test Circuit for Propagation delay time
*CL is approximately 15 pF, which includes probe and stray wiring capacitance.
tPLH
tPHL
Input
Output
0
5 V
1.5 V
VOL
350 mV
(IF = 7.5 mA)
175 mV
(IF = 3.75 mA)
16
34
5
0.01
µF
IF
IF Monitor
Pulse Input
VCC = 5 V
RL = 350
Ω
VO = Monitor
CL
51
Ω
PW = 1
µs
Duty Cycle = 1/10
()
ESD SENSITIVE
California Eastern Laboratories


Similar Part No. - PS9701

ManufacturerPart #DatasheetDescription
logo
NEC
PS9701 NEC-PS9701 Datasheet
86Kb / 12P
HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9701-E3 NEC-PS9701-E3 Datasheet
86Kb / 12P
HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9701-E4 NEC-PS9701-E4 Datasheet
86Kb / 12P
HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9701-F3 NEC-PS9701-F3 Datasheet
86Kb / 12P
HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9701-F4 NEC-PS9701-F4 Datasheet
86Kb / 12P
HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS9701

ManufacturerPart #DatasheetDescription
logo
NEC
PS9701 NEC-PS9701 Datasheet
86Kb / 12P
HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9614 NEC-PS9614 Datasheet
130Kb / 7P
NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8703 NEC-PS8703 Datasheet
122Kb / 6P
NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
Vishay Siliconix
VOM452T VISHAY-VOM452T Datasheet
113Kb / 7P
Analog High Speed Optocoupler, 1 MBd, Transistor Output, SOP-5 Package
08-Apr-10
logo
California Eastern Labs
PS8703 CEL-PS8703 Datasheet
124Kb / 6P
ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS9711 CEL-PS9711 Datasheet
130Kb / 7P
HIGH NOISE REDUCTION/ HIGH SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5 PIN SOP TOM OPTOCOUPLER
PS9614 CEL-PS9614 Datasheet
216Kb / 7P
NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER
logo
Solid State Optronic
SDN137 SSOUSA-SDN137 Datasheet
432Kb / 12P
Digital High Speed Optocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com