Electronic Components Datasheet Search
  English  ▼

X  

PS9601 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS9601
Description  HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9601 Datasheet(HTML) 2 Page - California Eastern Labs

  PS9601 Datasheet HTML 1Page - California Eastern Labs PS9601 Datasheet HTML 2Page - California Eastern Labs PS9601 Datasheet HTML 3Page - California Eastern Labs PS9601 Datasheet HTML 4Page - California Eastern Labs PS9601 Datasheet HTML 5Page - California Eastern Labs PS9601 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PS9601, PS9601L
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
IF
Forward Current
mA
30
VR
Reverse Voltage
V
5
PD
Power Dissipation
mW
60
Detector
VCC
Supply Voltage
V
7
VO
Output Voltage
V
7
IO
Output Current
mA
50
VE
Enable Voltage
V
5.5
PC
Power Dissipation
mW
85
BV
Isolation Voltage2
Vr.m.s.
5000
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +125
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. AC voltage for 1 minute at TA = 25 °C, RH = 60 % between input
and output.
RECOMMENDED OPERATING
CONDITIONS (TA = 25°C)
PART NUMBER
PS9601,PS9601L
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
IFL
Low Level Input Current
µA0
250
IFH
High Level Input Current
mA
7
10
15
VEH
High Level Enable Voltage
V
2
Vcc
VEL
High Level Enable Voltage
V
0
0.8
VCC
Supply Voltage
V
4.5
5
5.5
TOP
Operating Temperature
°C0
25
70
1.
Test Circuit for Propagation delay time
*CL is approximately 15 pF, which includes probe and stray wiring capacitance
2.
Test Circuit for enable Propagation delay time
IF Monitor
Pulse Input
VCC = 5 V
VO Monitor
*CL
RL = 350
Ω
0.01
µF
IF
VCC
GND
47
Ω
1
2
3
4
8
7
6
5
PW = 1
µs
Duty Cycle = 1/10
()
IF Monitor
0
5 V
Output
350 mV
(IF = 7.5 mA)
175 mV
(IF = 3.75 mA)
1.5 V
VOL
tPLH
tPHL
18
2
7
36
45
VE
Pulse Input
PW = 1
µs
Duty Cycle = 1/10
IF = 7.5 mA
5 V
RL = 350
Ω
VO
*CL
0.01
µF
()
tEHL
tELH
VE
VO
3 V
1.5 V
0.5 V
5 V
1.5 V
VOL
Monitor
TRUTH TABLE
LED
ENABLE
OUT
ON
H
L
OFF
H
H
ON
L
H
OFF
L
H
ON
N/C
L
OFF
N/C
H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com