Electronic Components Datasheet Search
  English  ▼

X  

PS9601 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS9601
Description  HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9601 Datasheet(HTML) 6 Page - California Eastern Labs

  PS9601 Datasheet HTML 1Page - California Eastern Labs PS9601 Datasheet HTML 2Page - California Eastern Labs PS9601 Datasheet HTML 3Page - California Eastern Labs PS9601 Datasheet HTML 4Page - California Eastern Labs PS9601 Datasheet HTML 5Page - California Eastern Labs PS9601 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
08/06/2001
DATA SUBJECT TO CHANGE WITHOUT NOTICE
PS9601, PS9601L
RECOMMENDED SOLDERING CONDITIONS
INFRARED RAY REFLOW TEMPERATURE PROFILE
(1) Precautions in mounting the devices by infrared reflow soldering
•
Peak reflow temperature
235 ˚C or below (plastic surface temperature)
•
Reflow time
30 seconds or less (Time period during which the plastic surface temperature
is 210 ˚C
•
Number of reflows Processes
One
•
Flux
Rosin flux containing small amount of chlorine (The flux
with a max. chlorine content of 0.2 Wt % is recommended.)
(2) Precautions in mounting the devices in solder dip method
•
Temperature
260 ˚C or below
•
Time
10 seconds or less
•
Flux
Rosin group flux, where the amount of chloride component is small.
Time (s)
120 to 160
ßC
60 to 120 s
(pre-heat)
(Actual heat)
to 10 s
to 30 s
235
ßC Peak
210
ßC
Peak Temperature 230 ºC
or Lower



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com