Electronic Components Datasheet Search
  English  ▼

X  

SSG9926N Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG9926N
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG9926N Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG9926N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG9926N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG9926N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG9926N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSG9926N
6.9 A, 20 V, RDS(ON) 30 mΩ
Ω
Ω
Ω
N-Ch Enhancement Mode Power MOSFET
11-Jul-2013 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Gate Threshold Voltage
VGS(th)
1
-
-
V
VDS= VGS, ID=250µA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS= 0V, VGS= ±12V
-
-
1
VDS=16V, VGS=0V
Zero Gate Voltage Drain Current
IDSS
-
-
25
µA
VDS=16V, VGS=0V, TJ=55°C
On-State Drain Current
1
ID(on)
10
-
-
A
VDS=5V, VGS=4.5V
-
-
30
VGS=4.5V, ID=4.8A
Drain-Source On-Resistance
1
RDS(ON)
-
-
40
m
VGS=2.5V, ID=3.9A
Forward Transconductance
1
gfs
-
22
-
S
VDS=10V, ID=4.8A
Diode Forward Voltage
VSD
-
0.74
-
V
IS=1.4A, VGS=0V
Dynamic
2
Total Gate Charge
Qg
-
7
-
Gate-Source Charge
Qgs
-
1.2
-
Gate-Drain Charge
Qgd
-
2.6
-
nC
ID=4.8A
VDS=10V
VGS=4.5V
Turn-On Delay Time
Td(on)
-
10
-
Rise Time
Tr
-
17
-
Turn-Off Delay Time
Td(off)
-
38
-
Fall Time
Tf
-
14
-
nS
VDS=10V
ID=4.8A
VGEN=4.5V
RL=2.1
RGEN=6
Input Capacitance
CISS
-
439
-
Output Capacitance
COSS
-
78
-
Reverse Transfer Capacitance
CRSS
-
68
-
pF
VDS=15V
VGS=0V
f=1Mhz
Notes
1.
Pulse test:PW ≦ 300µs duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com