Electronic Components Datasheet Search
  English  ▼

X  

CS18102X Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS18102X
Description  Digital Audio Networking Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS18102X Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS18102X Datasheet HTML 15Page - Cirrus Logic CS18102X Datasheet HTML 16Page - Cirrus Logic CS18102X Datasheet HTML 17Page - Cirrus Logic CS18102X Datasheet HTML 18Page - Cirrus Logic CS18102X Datasheet HTML 19Page - Cirrus Logic CS18102X Datasheet HTML 20Page - Cirrus Logic CS18102X Datasheet HTML 21Page - Cirrus Logic CS18102X Datasheet HTML 22Page - Cirrus Logic CS18102X Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
CobraNet Hardware User’s Manual
Digital Audio Interface
DS651UM23
©Copyright 2005 Cirrus Logic, Inc.
19
Version 2.3
6.0 Digital Audio Interface
The CS18101x/CS49611x, CS18102x/CS49612x, and CM-2 support four bi-directional
synchronous serial interfaces. The CS18100x & CS49610x support one bi-directional
synchronous serial interface. All interfaces operate in master mode with DAO1_SCLK as
the bit clock and FS1 as the frame clock. A sample period worth of synchronous serial
data includes two (or four) audio channels. CobraNet supports two synchronous serial bit
rates: 48 Khz and 96 KHz. However, 96 kHz sample rate is not available when using
CS18102x/CS49612x with 16X16 channels. Bit rate is selected by the
modeRateControl
variable. All synchronous serial interfaces operate from a common clock at the same bit
rate.
Figure 4. Channel Structure for Synchronous Serial Audio at 64FS (One Sample Period) - CS18100x/CS49610x &
CS18101x/CS49611x
Figure 5. Channel Structure for Synchronous Serial Audio at 128FS (One Sample Period) - CS18102x/CS49612x
Default channel ordering is shown above. Note that the first channel always begins after
the rising or falling edge of FS1 (depending on the mode).
DAI1_SCLK period depends on the sample rate selected. Up to 32 significant bits are
received and buffered by the DSP for synchronous inputs. Up to 32 significant bits are
transmitted by the DSP for synchronous outputs. Bit 31 is always the most significant
(sign) bit. A 16-bit audio source must drive to bit periods 31-16 with audio data and bits
15-0 should be actively driven with either a dither signal or zeros. Cirrus Logic
recommends driving unused LS bits to zero.
1
2
FS 1
D A O 1 _ D A T A 0 / D A I1 _ D A T A 0
3
4
5
6
7
8
*D A O 1 _ D A T A 1 / D A I1 _ D A T A 1
*D A O 1 _ D A T A 2 / D A I1 _ D A T A 2
*D A O 1 _ D A T A 3 / D A I1 _ D A T A 3
* N o t p re s e n t in C S 1 8 1 0 0x or C S 49 610x .
1
2
FS1
DAO1_DATA0 / DAI1_DATA0
5
6
9
10
13
14
DAO1_DATA1 / DAI1_DATA1
DAO1_DATA2 / DAI1_DATA2
DAO1_DATA3 / DAI1_DATA3
3
4
7
8
11
12
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com