Electronic Components Datasheet Search
  English  ▼

X  

CS18102X Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS18102X
Description  Digital Audio Networking Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS18102X Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS18102X Datasheet HTML 16Page - Cirrus Logic CS18102X Datasheet HTML 17Page - Cirrus Logic CS18102X Datasheet HTML 18Page - Cirrus Logic CS18102X Datasheet HTML 19Page - Cirrus Logic CS18102X Datasheet HTML 20Page - Cirrus Logic CS18102X Datasheet HTML 21Page - Cirrus Logic CS18102X Datasheet HTML 22Page - Cirrus Logic CS18102X Datasheet HTML 23Page - Cirrus Logic CS18102X Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
20
©Copyright 2005 Cirrus Logic, Inc.
DS651UM23
Version 2.3
CobraNet Hardware User’s Manual
Digital Audio Interface
Although data is always transmitted and received with a 32-bit resolution by the
synchronous serial ports, the resolution of the data transferred to/from the Ethernet may
be less. Incoming audio data is truncated to the selected resolution. Unused least
significant bits on outgoing data is zero filled.
6.1
Digital Audio Interface Timing
Figure 6. Timing Relationship between FS512_OUT, DAO1_SCLK and FS1
An DAO1_SCLK edge follows an MCLK_OUT edge by 0.0 to 5.0ns. An FS1 edge follows
a MCLK_OUT edge by 0.0 to 10.0ns.
Note: The DAO1_SCLK and FS1 might be synchronized with the either the falling edge or
the rising edge of MCLK_OUT. Which edge is impossible to predict since it depends
on power up timing.
Figure 7. Serial Port Data Timing Overview
Setup times for DAI1_DATAx and FS1 are 5.0 ns with a hold time of 0.0 ns with respect to
the DAI1_SCLK edge. Clock to output times for DAO1_DATAx is 0.0 to 12.0 ns from the
edge of DAO1_SCLK.
MCLK_OUT
DAO1_SCLK
FS1
0 – 5ns
0 – 10ns
DAI1_DATAx
DAO1_SCLK
0 – 12ns
DAO1_DATAx
≥5ns
≥0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com