Electronic Components Datasheet Search
  English  ▼

X  

PS10NG Datasheet(PDF) 2 Page - Supertex, Inc

Part # PS10NG
Description  Quad Power Sequencing Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS10NG Datasheet(HTML) 2 Page - Supertex, Inc

  PS10NG Datasheet HTML 1Page - Supertex, Inc PS10NG Datasheet HTML 2Page - Supertex, Inc PS10NG Datasheet HTML 3Page - Supertex, Inc PS10NG Datasheet HTML 4Page - Supertex, Inc PS10NG Datasheet HTML 5Page - Supertex, Inc PS10NG Datasheet HTML 6Page - Supertex, Inc PS10NG Datasheet HTML 7Page - Supertex, Inc PS10NG Datasheet HTML 8Page - Supertex, Inc PS10NG Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PS10
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Ordering Information
Device
14-Lead SOIC
8.65x3.90mm body
1.75mm height (max)
1.27mm pitch
PS10
PS10NG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
EE referenced to VIN pin
+0.3V to -100V
V
PWRGD referenced to VEE voltage
-0.3V to +100V
V
UV and VOV referenced to VEE voltage
-0.3V to 12V
Operating ambient temperature
-40°C to +85°C
Operating junction temperature
-40°C to +125°C
Storage temperature range
-65° to +150°C
Power dissipation @ 25OC
750mW
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
PWRGD Logic
Condition
PWRGD-A/B/C/D
Inactive (not ready)
0
V
EE
Active (ready)
1
Hi Z
Pin Configuration
Product Marking
Y = Last Digit of Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
PS10NG
YWW LLLLLLLL
CCCCCCCCC AAA
14-Lead SOIC (NG)
Electrical Characteristics (-10V ≤ V
IN ≤ -90V, TA = 25°C unless otherwise specified)
1
14
14-Lead SOIC (NG)
(top view)
Sym
Parameter
Min
Typ Max Units Conditions
Supply (Referenced to VIN pin)
V
EE
Supply voltage
-
-90
-
-10
V
---
I
EE
Supply current
-
-
400
450
µA
V
EE = -48V
OV and UV Control (Referenced to VEE pin)
V
UVH
UV high threshold
# 1.16 1.22 1.28
V
Low to high transition
V
UVL
UV low threshold
# 1.06 1.12 1.18
V
High to low transition
V
UVHY
UV hysteresis
#
-
100
-
mV
---
I
UV
UV input current
-
-
-
1.0
nA
V
UV = VEE + 1.9V
V
OVH
OV high threshold
# 1.16 1.22 1.28
V
Low to high transition
V
OVL
OV low threshold
# 1.06 1.12 1.18
V
High to low transition
V
OVHY
OV hysteresis
#
-
100
-
mV
---
I
OV
OV input current
-
-
-
1.0
nA
V
UV = VEE + 1.9V
# Specifications apply over 0OC ≤ T
A ≤ 70
O
C
Package may or may not include the following marks: Si or



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com