Electronic Components Datasheet Search
  English  ▼

X  

PS10NG Datasheet(PDF) 3 Page - Supertex, Inc

Part # PS10NG
Description  Quad Power Sequencing Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS10NG Datasheet(HTML) 3 Page - Supertex, Inc

  PS10NG Datasheet HTML 1Page - Supertex, Inc PS10NG Datasheet HTML 2Page - Supertex, Inc PS10NG Datasheet HTML 3Page - Supertex, Inc PS10NG Datasheet HTML 4Page - Supertex, Inc PS10NG Datasheet HTML 5Page - Supertex, Inc PS10NG Datasheet HTML 6Page - Supertex, Inc PS10NG Datasheet HTML 7Page - Supertex, Inc PS10NG Datasheet HTML 8Page - Supertex, Inc PS10NG Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PS10
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Functional Block Diagram
Electrical Characteristics (cont.) (-10V ≤ V
IN ≤ -90V, TA = 25°C unless otherwise specified)
Sym
Parameter
Min
Typ Max Units Conditions
Power Good Timing (Test Conditions: C
RAMP = 10nF, VUV = VEE + 1.9V, VOV = VEE + 0.5V)
I
RAMP
Ramp pin output current
-
-
10
-
µA
---
t
PWRGD-A
Time from UV high to PWRGD-A
-
-
8.8
-
ms
V
EE = -48V,
C
RAMP = 10nF, see
typical application circuit
t
PWRGD-B
Maximum time from PWRGD-A to PWRGD-B
-
150 200* 250
ms
RTB = 120kΩ
t
PWRGD-B
Minimum time from PWRGD-A to PWRGD-B
-
3.0
5.0*
8.0
ms
RTD = 3.0kΩ
t
PWRGD-C
Maximum time from PWRGD-B to PWRGD-C
-
150 200* 250
ms
RTB = 120kΩ
t
PWRGD-C
Minimum time from PWRGD-B to PWRGD-C
-
3.0
5.0*
8.0
ms
RTD = 3.0kΩ
t
PWRGD-D
Maximum time from PWRGD-C to PWRGD-D
-
150 200* 250
ms
RTB = 120kΩ
t
PWRGD-D
Minimum time from PWRGD-C to PWRGD-D
-
3.0
5.0*
8.0
ms
RTD = 3.0kΩ
* Variations will track. For example if t
PWRGD-A is 250ms, then so will be tPWRGD-B/C/D. Contact factory for tighter tolerance version.
Power Good Outputs (Test Conditions: V
UV = VEE + 1.9V, VOV = VEE + 0.5V)
V
PWRGD-X(hi)
Power good pin breakdown voltage
-
90
-
-
V
PWRGD-X = HI Z
V
PWRGD-X(lo)
Power good pin output low voltage
-
-
0.4
0.5
V
I
PWRGD = 1.0mA,
PWRGD-X = LOW
I
PWRGD-X(lk)
Maximum leakage current
-
-
<1.0
10
µA
V
PWRGD = 90V,
PWRGD-X = HI Z
Regulator
& POR
+
UVLO
VBG
UV
-
V
V
Band Gap
Reference
Programmable
Timer
TD
PWR GD- B
PWR GD- A
PWR GD- C
PWR GD- D
TC
TB
10uA
VINT
RAMP
+
-
OV
Vint - 1.2V
EE
IN
VINT
Logic



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com