Electronic Components Datasheet Search
  English  ▼

X  

SMG5403 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG5403
Description  P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG5403 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMG5403 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG5403 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG5403 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG5403 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SMG5403
-2.6A , -30V , RDS(ON) 115 mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
17-Sep-2012 Rev. A
Page 1 of 4
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
SC-59
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The SMG5403 uses advanced trench technology to
provide excellent on-resistance with low gate change.
The device is suitable for use as a load switch or in PWM
applications.
FEATURES
Lower Gate Threshold Voltage
Small Package Outline
MARKING
5403
PACKAGE INFORMATION
Package
MPQ
Leader Size
SC-59
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
3
TA=25°C
ID
-2.6
A
TA=70°C
-2.2
Pulsed Drain Current
1
IDM
-10
A
Power Dissipation
TA=25°C
P D
1.38
W
Linear Derating Factor
0.01
W / °C
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
Maximum Junction to Ambient
3
RθJA
90
°C / W
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0.10 REF.
B
2.25
3.00
H
0.40 REF.
C
1.30
1.70
J
0.10
0.20
D
1.00
1.40
K
0.45
0.55
E
1.70
2.30
L
0.85
1.15
F
0.35
0.50
1
2
3


Similar Part No. - SMG5403

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SMG5403 VBSEMI-SMG5403 Datasheet
490Kb / 9P
P-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMG5403 SECOS-SMG5403_15 Datasheet
370Kb / 4P
P-Channel Enhancement Mode MOSFET
More results

Similar Description - SMG5403

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com