Electronic Components Datasheet Search
  English  ▼

X  

SMG5403 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG5403
Description  P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG5403 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMG5403 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG5403 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG5403 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG5403 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SMG5403
-2.6A , -30V , RDS(ON) 115 mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
17-Sep-2012 Rev. A
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID= -250µA
Gate-Threshold Voltage
VGS(th)
-0.5
-
-1.4
V
VDS=VGS, ID= -250µA
Forward Transconductance
gFS
-
5
-
S
VDS= -5V,,ID = -2.5A
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VGS=±12V
Drain-Source Leakage Current
TJ=25°C
IDSS
-
-
-1
µA
VDS= -30V, VGS=0
TJ=70°C
-
-
-25
VDS= -24V, VGS=0
Drain-Source On-Resistance
2
RDS(ON)
-
-
115
m
VGS= -10V, ID= -2.6A
-
-
150
VGS= -4.5V, ID= -2A
-
-
200
VGS= -2.5V, ID= -1A
Total Gate Charge
2
Qg
-
4.5
-
nC
VDS= -15V,
VGS= -4.5V,
ID= -2.5A
Gate-Source Charge
Qgs
-
0.8
-
Gate-Drain Charge
Qgd
-
1.34
-
Turn-on Delay Time
2
Td(on)
-
5.4
-
nS
VDS= -15V,
VGS= -10V,
RG=3.3 ,
RD=4.6 ,
ID= -1A
Rise Time
Tr
-
4.6
-
Turn-off Delay Time
Td(off)
-
31
-
Fall Time
Tf
-
8
-
Input Capacitance
Ciss
-
415
-
pF
VGS=0
VDS= -25V,
f=1.0MHz
Output Capacitance
Coss
-
55
-
Reverse Transfer Capacitance
Crss
-
42
-
Source-Drain Diode
Diode Forward Voltage
2
VSD
-
-
-1.2
V
IS= -1.2A, VGS=0
Reverse Recovery Time
Trr
-
16.2
-
nS
IS= -2.5A, VGS=0
dl/dt=100A/µS
Reverse Recovery Charge
Qrr
-
9
-
nC
Notes:
1.
Pulse width limited by Max. junction temperature.
2.
Pulse width≦300µs, duty cycle≦2%.
3.
Surface mounted on 1 in
2 copper pad of FR4 board; 270°C / W when mounted on Min. copper pad.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com