Electronic Components Datasheet Search
  English  ▼

X  

SSG4934N Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4934N
Description  Dual N-Channel Mode Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4934N Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4934N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4934N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SSG4934N
8.9 A, 30 V, RDS(ON) 58 mΩ
Ω
Ω
Ω
Dual N-Channel Mode Power MOSFET
Elektronische Bauelemente
09-May-2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Gate Threshold Voltage
VGS(th)
1
-
-
V
VDS=VGS, ID=250µA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0, VGS= ±20V
Zero Gate Voltage Drain Current
IDSS
-
-
1
µA
VDS=24V, VGS=0
-
-
10
VDS=24V, VGS=0, TJ= 55°C
On-State Drain Current
1
ID(on)
20
-
-
A
VDS=5V, VGS=10V
Drain-Source On-Resistance
1
RDS(ON)
-
-
18
m
VGS=10V, ID=5A
-
-
26
VGS=4.5V, ID=4.4A
Forward Transconductance
1
gfs
-
20
-
S
VDS=15V, ID=5A
Diode Forward Voltage
VSD
-
0.77
-
V
IS=1.3A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
3.8
-
nC
ID= 5A
VDS= 15V
VGS= 4.5V
Gate-Source Charge
Qgs
-
1.3
-
Gate-Drain Charge
Qgd
-
2
-
Input Capacitance
Ciss
-
327
-
pF
VDS=15V
VGS=0
f=1MHz
Output Capacitance
Coss
-
65
-
Reverse Transfer Capacitance
Crss
-
49
-
Turn-On Delay Time
Td(on)
-
1.9
-
nS
VDD=15V
ID=5A
VGEN=10V
RL=3
RGEN=6
Rise Time
Tr
-
4
-
Turn-Off Delay Time
Td(off)
-
13
-
Fall Time
Tf
-
6
-
Notes:
1.
Pulse test:PW ≦ 300µs duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com