Electronic Components Datasheet Search
  English  ▼

X  

MIC2845 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2845
Description  6 Channel High Side Current Source WLED driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2845 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2845 Datasheet HTML 9Page - Micrel Semiconductor MIC2845 Datasheet HTML 10Page - Micrel Semiconductor MIC2845 Datasheet HTML 11Page - Micrel Semiconductor MIC2845 Datasheet HTML 12Page - Micrel Semiconductor MIC2845 Datasheet HTML 13Page - Micrel Semiconductor MIC2845 Datasheet HTML 14Page - Micrel Semiconductor MIC2845 Datasheet HTML 15Page - Micrel Semiconductor MIC2845 Datasheet HTML 16Page - Micrel Semiconductor MIC2845 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Micrel Inc.
MIC2845/46
January 2008
13
M9999-010808-A
Application Information
MIC2845 PWM Dimming Interface
The MIC2845 can receive PWM signals from the END
pin for WLED dimming. The frequency of the PWM
signal should be between 200Hz – 1kHz and the duty
cycle can range from 1% to 100%. Dimming is
generated by pulsing the WLEDs on and off in
synchronization with the PWM signal. An internal
shutdown delay ensures that the internal control circuitry
remains active during PWM dimming for optimum
performance. Figure 4 through Figure 8 show the WLED
current response when a PWM signal is applied to the
END pin.
Figure 4. PWM Signal at 1% Duty Cycle
Figure 5. PWM Signal at 20% Duty Cycle
Figure 6. PWM Signal at 50% Duty Cycle
Figure 7. PWM Signal at 80% Duty Cycle
Figure 8. PWM Signal at 100% Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com