Electronic Components Datasheet Search
  English  ▼

X  

MIC2845 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2845
Description  6 Channel High Side Current Source WLED driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2845 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2845 Datasheet HTML 1Page - Micrel Semiconductor MIC2845 Datasheet HTML 2Page - Micrel Semiconductor MIC2845 Datasheet HTML 3Page - Micrel Semiconductor MIC2845 Datasheet HTML 4Page - Micrel Semiconductor MIC2845 Datasheet HTML 5Page - Micrel Semiconductor MIC2845 Datasheet HTML 6Page - Micrel Semiconductor MIC2845 Datasheet HTML 7Page - Micrel Semiconductor MIC2845 Datasheet HTML 8Page - Micrel Semiconductor MIC2845 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Micrel Inc.
MIC2845/46
January 2008
3
M9999-010808-A
Pin Description
Pin Number
MIC2845
Pin Number
MIC2846
Pin Name
Pin Function
1
1
VIN
Voltage Input. Connect at least 1µF ceramic capacitor between VIN and GND.
2
2
LDO2
Output of LDO2. Connect at least 1µF ceramic output capacitor.
3
3
EN2
Enable Input for LDO2. Active High Input. Logic High = On; Logic Low = Off;
Do not leave floating.
4
-
END
Enable high side current source. This pin can be used as a PWM input for
dimming of WLEDs. Do not leave floating.
-
4
DC
Digital control input for high side current source. See Digital Dimming
Interface. Do not leave floating.
5
5
RSET
An internal 1.27V reference sets the nominal maximum WLED current.
Example, apply a 20.5kΩ resistor between RSET and GND to set LED current
to 20mA at 100% duty cycle.
6
6
D1
LED1 current sink input. Connect LED anode to VIN and cathode to this pin.
7
7
D2
LED2 current sink input. Connect LED anode to VIN and cathode to this pin.
8
8
D3
LED3 current sink input. Connect LED anode to VIN and cathode to this pin.
9
9
GND
Ground.
10
10
D4
LED4 current sink input. Connect LED anode to VIN and cathode to this pin.
11
11
D5
LED5 current sink input. Connect LED anode to VIN and cathode to this pin.
12
12
D6
LED6 current sink input. Connect LED anode to VIN and cathode to this pin.
13
13
EN1
Enable Input for LDO1. Active High Input. Logic High = On; Logic Low = Off;
Do not leave floating.
14
14
LDO1
Output of LDO1. Connect a 1µF ceramic output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com