Electronic Components Datasheet Search
  English  ▼

X  

MIC2782ERYCS Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2782ERYCS
Description  Dual-Input Push Button Reset IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2782ERYCS Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2782ERYCS Datasheet HTML 1Page - Micrel Semiconductor MIC2782ERYCS Datasheet HTML 2Page - Micrel Semiconductor MIC2782ERYCS Datasheet HTML 3Page - Micrel Semiconductor MIC2782ERYCS Datasheet HTML 4Page - Micrel Semiconductor MIC2782ERYCS Datasheet HTML 5Page - Micrel Semiconductor MIC2782ERYCS Datasheet HTML 6Page - Micrel Semiconductor MIC2782ERYCS Datasheet HTML 7Page - Micrel Semiconductor MIC2782ERYCS Datasheet HTML 8Page - Micrel Semiconductor MIC2782ERYCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MIC2782
Dual-Input Push Button Reset IC
with Immediate and Delayed Outputs
.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 21, 2014
Revision 2.0
General Description
The MIC2782 is a two input, two output push-button reset
IC. It will generate a reset pulse for a factory-programmed
reset timeout period after both manual reset inputs have
been held to a logic-low for the factory-programmed setup
period. The MIC2782 also has an ANDOUT logic output
which will activate if both inputs are held low for longer
than a debounce time (1.5ms), and deactivate if one or
both inputs are released for longer than a debounce time
(1.5ms). The RESET and ANDOUT outputs are active-low,
open-drain NMOS outputs.
The MIC2782 operates over the 1.5V to 5.5V supply
voltage range, consuming 2.2
µA of supply current at 3.3V.
The device features 65k
Ω internal pull-up resistors on both
of the inputs (/MR1 and /MR2). The device offers factory
programmed setup periods of 6s, 8s, 10s, or 12s and reset
timeout periods of 0.5s, 1s or 2s. It is available in a space
saving, 6-bump, 0.4mm pitch, 0.8mm × 1.2mm wafer level
chip scale package.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 1.5V to 5.5V operating supply voltage range
• 2.2µA supply current with /MR1, /MR2 not asserted
• Factory-programmed setup periods of 6s, 8s, 10s or 12s
• Factory-programmed reset timeout periods of 0.5s, 1s or
2s
• Integrated 65kΩ /MR1 and /MR2 pull-up resistors
• Supports single push-button reset with /MR1 tied to
/MR2
• RESET asserts after /MR1 and /MR2 are asserted low
for a setup period
• ANDOUT asserts after /MR1 and /MR2 are asserted low
for a debounce time (1.5ms)
• Open-drain RESET and ANDOUT outputs
• 6-bump, 0.4mm pitch, 0.8mm × 1.2mm wafer level chip
scale package (WLCSP)
Applications
• Smart phones
• Tablets
• eBooks
• Portable games
• Portable navigation device
____________________________________________________________________________________________________________________
Typical Application
/MR2
/MR1
PUSH-BUTTON
SWITCH
PUSH-BUTTON
SWITCH
100k
VDD = 1.5V to 5.5V
LOAD SWITCH
or PMIC
or µP
/RESET
/MR2
/MR1
ANDOUT
0.1uF
GND
VDD
100k
RESET
MIC2782
LOAD SWITCH
or PMIC
or µP
/RESET


Similar Part No. - MIC2782ERYCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2782ERYCS MICREL-MIC2782ERYCS Datasheet
440Kb / 16P
Dual-Input Push Button Reset IC with Immediate and Delayed Outputs
More results

Similar Description - MIC2782ERYCS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6904 STMICROELECTRONICS-STM6904 Datasheet
169Kb / 21P
Quad, ultralow voltage supervisor with push-button reset
28-Jan-2008
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
Dual push-button Smart Reset??with push-button controlled output delay
31-May-2010
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
Dual push-button Smart Reset??with capacitor-adjustable setup delay
10-May-2010
logo
Micrel Semiconductor
MIC2786 MICREL-MIC2786 Datasheet
585Kb / 17P
Push-Button Reset IC with Voltage Supervisor
MIC2788 MICREL-MIC2788 Datasheet
548Kb / 17P
Push-Button Reset IC
MIC2782 MICREL-MIC2782_12 Datasheet
440Kb / 16P
Dual-Input Push Button Reset IC with Immediate and Delayed Outputs
logo
STMicroelectronics
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY Datasheet
133Kb / 6P
Reset push button
19-Mar-2014
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
Dual Push-Button Reset
logo
Kinetic Technologies.
KTS1612 KINETIC-KTS1612 Datasheet
513Kb / 13P
Smart Push-Button Reset with Two Discharge Paths
November 2018 - Revision 04d
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com