Electronic Components Datasheet Search
  English  ▼

X  

EL2001C Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL2001C
Description  Low Power, 70 MHz Buffer Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2001C Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL2001C Datasheet HTML 1Page - Elantec Semiconductor EL2001C Datasheet HTML 2Page - Elantec Semiconductor EL2001C Datasheet HTML 3Page - Elantec Semiconductor EL2001C Datasheet HTML 4Page - Elantec Semiconductor EL2001C Datasheet HTML 5Page - Elantec Semiconductor EL2001C Datasheet HTML 6Page - Elantec Semiconductor EL2001C Datasheet HTML 7Page - Elantec Semiconductor EL2001C Datasheet HTML 8Page - Elantec Semiconductor EL2001C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EL2001C
Low Power 70 MHz Buffer Amplifier
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these
specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
1989 Elantec Inc
Features
 13 mA supply current
 70 MHz bandwidth
 2000 V ms slew rate
 Low bias current 1 mA typical
 100 mA output current
 Short circuit protected
 Low cost
 Stable with capacitive loads
 Wide supply range g5V to g15V
 No thermal runaway
Applications
 Op amp output current booster
 Cableline driver
 AD input buffer
 Low standby current systems
Ordering Information
Part No
Temp Range
Pkg
Outline
EL2001ACN
0 Cto a75 C
P-DIP
MDP0031
EL2001CM
0 Cto a75 C
20-Lead SOL
MDP0027
EL2001CN
0 Cto a75 C
P-DIP
MDP0031
General Description
The EL2001 is a low cost monolithic high slew rate buffer
amplifier Built using the Elantec monolithic Complementary
Bipolar process this patented buffer has a b3 dB bandwidth of
70 MHz and delivers 100 mA yet draws only 13 mA of supply
current It typically operates from g15V power supplies but
will work with as little as g5V
This high speed buffer may be used in a wide variety of applica-
tions in military video and medical systems A typical example
is a general purpose op amp output current booster where the
buffer must have sufficiently high bandwidth and low phase
shift at the maximum frequency of the op amp
Elantec’s products and facilities comply with MIL-I-45208A
and other applicable quality specifications For information on
Elantec’s processing see the Elantec document QRA-1 Elan-
tec’s Processing Monolithic Integrated Circuits
Connection Diagrams
EL2001 DIP Pinout
EL2001 SOL Pinout
2001 – 1
Top View
2001 – 2
Top View
Note Non-designated pins are no connects and are not electrically connected
internally
Manufactured under US Patent No 4833424 4827223 UK Patent No
2217134


Similar Part No. - EL2001C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2001CM INTERSIL-EL2001CM Datasheet
222Kb / 6P
Low Power, 70MHz Buffer Amplifier
December 1995
EL2001CN INTERSIL-EL2001CN Datasheet
222Kb / 6P
Low Power, 70MHz Buffer Amplifier
December 1995
More results

Similar Description - EL2001C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2002C ELANTEC-EL2002C Datasheet
302Kb / 12P
Low Power, 180 MHz Buffer Amplifier
logo
Intersil Corporation
EL2001 INTERSIL-EL2001 Datasheet
222Kb / 6P
Low Power, 70MHz Buffer Amplifier
December 1995
EL2002 INTERSIL-EL2002 Datasheet
222Kb / 8P
Low Power, 180MHz Buffer Amplifier
December 1995
logo
TriQuint Semiconductor
854655 TRIQUINT-854655 Datasheet
36Kb / 1P
70 MHz Low-Loss Filter
854662 TRIQUINT-854662 Datasheet
45Kb / 1P
70 MHz Low-Loss Filter
854668 TRIQUINT-854668 Datasheet
45Kb / 1P
70 MHz Low-Loss Filter
854674 TRIQUINT-854674 Datasheet
45Kb / 1P
70 MHz Low-Loss Filter
logo
Texas Instruments
THS4561 TI1-THS4561 Datasheet
719Kb / 35P
Low-Power, High Supply Range, 70-MHz, Fully Differential Amplifier
THS4561 TI1-THS4561_17 Datasheet
719Kb / 35P
Low-Power, High Supply Range, 70-MHz, Fully Differential Amplifier
THS4561 TI1-THS4561_18 Datasheet
792Kb / 37P
Low-Power, High Supply Range, 70-MHz, Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com