Electronic Components Datasheet Search
  English  ▼

X  

EL2001C Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2001C
Description  Low Power, 70 MHz Buffer Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2001C Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2001C Datasheet HTML 1Page - Elantec Semiconductor EL2001C Datasheet HTML 2Page - Elantec Semiconductor EL2001C Datasheet HTML 3Page - Elantec Semiconductor EL2001C Datasheet HTML 4Page - Elantec Semiconductor EL2001C Datasheet HTML 5Page - Elantec Semiconductor EL2001C Datasheet HTML 6Page - Elantec Semiconductor EL2001C Datasheet HTML 7Page - Elantec Semiconductor EL2001C Datasheet HTML 8Page - Elantec Semiconductor EL2001C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EL2001C
Low Power 70 MHz Buffer Amplifier
Electrical Characteristics V
S
e g
15V RS e 50X unless otherwise specified
Contd
Test Conditions
Limits
EL2001AC
Parameter
Description
EL2001C
Units
Vin
Load
Temp
Min
Typ
Max
Test
Level
AV1
Voltage Gain
g
12V
%
25 C
0990
0998
I
VV
TMIN TMAX
0985
III
VV
AV2
Voltage Gain
g
10V
100
X
25 C
083
093
I
VV
TMIN TMAX
080
III
VV
AV3
Voltage Gain
g
3V
100
X
25 C
082
089
I
VV
with VS e g5V
TMIN TMAX
079
III
VV
VO
Output Voltage
g
12V
100
X
25 C
g
10
g
11
I
V
Swing
TMIN TMAX
g
95
III
V
ROUT
Output Resistance
g
2V
100
X
25 C10
15
I
X
TMIN TMAX
18
III
X
IOUT
Output Current
g
12V
(Note 4)
25 C
g
100
g
160
I
mA
TMIN TMAX
g
95
III
mA
IS
Supply Current
0
%
25 C
13
20
I
mA
TMIN TMAX
25
III
mA
PSRR
Supply Rejection
0
%
25 C60
75
I
dB
(Note 5)
TMIN TMAX
50
III
dB
tr
Rise Time
05V
100
X
25 C
42
V
ns
td
Propagation Delay
05V
100
X
25 C
20
V
ns
SR
Slew Rate (Note 6)
g
10V
100
X
25 C
1200
2000
IV
V
ms
Note 1 If the input exceeds the ratings shown (or the supplies) or if the input to output voltage exceeds g75V then the input
current must be limited to g50 mA See the applications section for more information
Note 2 The maximum power dissipation depends on package type ambient temperature and heat sinking See the characteristic
curves for more details
Note 3 A heat sink is required to keep the junction temperature below the absolute maximum when the output is short circuited
Note 4 Force the input to a12V and the output to a10V and measure the output current Repeat with b12 VIN and b10V on the
output
Note 5 VOS is measured at VSaea45V VSbeb45V and at VSaea18V VSbeb18V Both supplies are changed
simultaneously
Note 6 Slew rate is measured between VOUT ea5V and b5V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com