Electronic Components Datasheet Search
  English  ▼

X  

MIC5392 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5392
Description  High-Performance Dual 150mA LDO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5392 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5392 Datasheet HTML 1Page - Micrel Semiconductor MIC5392 Datasheet HTML 2Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MIC5392/3
High-Performance Dual 150mA LDO
Revision 1.2
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 22, 2013
Revision 1.2
General Description
The MIC5392/3 is a tiny dual low-dropout linear regulator
ideally suited for portable electronics. It is ideal for general
purpose/digital applications
which
require
high-power
supply ripple rejection (PSRR) >60dB, eliminating the need
for a bypass capacitor and providing two enable pins for
maximum flexibility. The MIC5392/3 integrates two high-
performance; 150mA LDOs into a tiny 6-pin, 1.2mm x
1.2mm leadless DFN package, which provides exceptional
thermal package characteristics.
The MIC5392/3 is a µCap design which enables operation
with very small ceramic output capacitors for stability,
thereby reducing required board space and component
cost. The combination of low-drop-out voltage, high power
supply
rejection
and
exceptional
thermal
package
characteristics makes it ideal for powering mobile phones
camera modules, image sensors, PDAs, MP3 players and
audio codec power applications.
The MIC5392/3 is available in fixed-output voltages in the
tiny 6-pin 1.2mm x 1.2mm leadless DFN package which is
only 1.44mm
2
in area. Additional voltage options are
available.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 2.5V to 5.5V input voltage range
• Two 150mA output current LDOs
• High output accuracy
− ±2% initial accuracy
• Low quiescent current (32µA per LDO)
• Stable with 1µF ceramic output capacitors
• Independent enable pins
• Low dropout voltage (155mV at 150mA)
• Thermal-shutdown protection
• Current-limit protection
• Internal 25
Ω output discharge circuit (MIC5393)
• 1.2mm × 1.2mm Extra Thin DFN package (H
≤ 0.4mm)
• 1.2mm × 1.2mm Thin DFN package
Applications
• Smart phones
• Tablet PCs
• GPS, PMP, PDAs, and handhelds
• Audio codec power
• Portable electronics
• 5V systems
___________________________________________________________________________________________________________
Typical Application
Camera DSP Power Supply Circuit


Similar Part No. - MIC5392

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5396 MICREL-MIC5396 Datasheet
84Kb / 2P
Low-Power Dual 300mA LDO
logo
Microchip Technology
MIC5396 MICROCHIP-MIC5396 Datasheet
3Mb / 26P
Low-Power Dual 300 mA LDO
Rev. C .April 2022
logo
Micrel Semiconductor
MIC5396-GMYMX MICREL-MIC5396-GMYMX Datasheet
84Kb / 2P
Low-Power Dual 300mA LDO
logo
Microchip Technology
MIC5396-P4YMT-T5 MICROCHIP-MIC5396-P4YMT-T5 Datasheet
3Mb / 26P
Low-Power Dual 300 mA LDO
Rev. C .April 2022
MIC5396-P4YMT-TR MICROCHIP-MIC5396-P4YMT-TR Datasheet
3Mb / 26P
Low-Power Dual 300 mA LDO
Rev. C .April 2022
More results

Similar Description - MIC5392

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
150mA CMOS High Performance LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
150mA MicroPower??High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
3215.2006.05.1.6
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
150mA MicroPower??High Performance LDO
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
High Performance Single 150mA LDO
MIC5375 MICREL-MIC5375 Datasheet
344Kb / 18P
High Performance Low Dropout 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
High-Performance Single 150mA LDO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com