Electronic Components Datasheet Search
  English  ▼

X  

MIC5392 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5392
Description  High-Performance Dual 150mA LDO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5392 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5392 Datasheet HTML 1Page - Micrel Semiconductor MIC5392 Datasheet HTML 2Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Micrel, Inc.
MIC5392/3
January 14, 2013
2
Revision 1.1
Absolute Maximum Ratings
(1)
Supply Voltage (VIN) ........................................ –0.3V to +6V
Enable Voltage (VEN1, VEN2)............................... –0.3V to VIN
Power Dissipation (PD) ..............................Internally Limited
Lead Temperature (soldering, 10sec.) ....................... 260°C
Junction Temperature (TJ) ........................–40°C to +125°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating..................................................................... 2kV
Operating Ratings
(2)
Supply Voltage (VIN)....................................... +2.5V to 5.5V
Enable Voltage (VEN1, VEN2)............................... –0.3V to VIN
Junction Temperature (TJ) ........................ –40°C to +125°C
Junction Thermal Resistance
1.2mmx1.2mm Thin DFN-6 (
θ
JA) ..................... 173°C/W
1.2mmx1.2mm Extra Thin DFN-6 (
θ
JA) ........... 173°C/W
Ordering Information
Part Number
(1)
Manufacturing
Part Number
Marking
Code
Voltage
Junction
Temperature
Range
MIC5392-1.2/1.0YMT
MIC5392-4CYMT
RJ
1.2/1.0V
–40
°C to +125°C
MIC5392-1.5/2.8YMX
MIC5392-FMYMX
RX
1.5/2.8V
–40
°C to +125°C
MIC5392-2.8/1.5YMT
MIC5392-MFYMT
RP
2.8/1.5V
–40
°C to +125°C
MIC5392-2.8/1.8YMT
MIC5392-MGYMT
RD
2.8/1.8V
–40
°C to +125°C
MIC5392-3.0/1.8YMX
MIC5392-PGYMX
1R
3.0/1.8V
–40
°C to +125°C
MIC5392-3.0/2.8YMT
MIC5392-PMYMT
RM
3.0/2.8V
–40
°C to +125°C
MIC5392-3.0/2.8YMX
MIC5392-PMYMX
2R
3.0/2.8V
–40
°C to +125°C
MIC5392-3.0/3.0YMX
MIC5392-PPYMX
3R
3.0/3.0V
–40
°C to +125°C
MIC5392-3.3/1.8YMX
MIC5392-SGYMX
4R
3.3/1.8V
–40
°C to +125°C
MIC5392-3.3/3.3YMT
MIC5392-SSYMT
RL
3.3/3.3V
–40
°C to +125°C
MIC5392-3.3/3.3YMX
MIC5392-SSYMX
5R
3.3/3.3V
–40
°C to +125°C
MIC5393-1.5/2.8YMX
(2)
MIC5393-FMYMX
U6
1.5/2.8V
–40
°C to +125°C
MIC5393-2.8/2.8YMX
(2)
MIC5393-MMYMX
UV
2.8/2.8
–40
°C to +125°C
MIC5393-3.0/1.8YMX
(2)
MIC5393-PGYMX
U5
3.0/1.8V
–40
°C to +125°C
MIC5393-3.0/2.8YMX
(2)
MIC5393-PMYMX
UU
3.0/2.8V
–40
°C to +125°C
MIC5393-3.0/3.0YMT
(2)
MIC5393-PPYMT
UL
3.0/3.0V
–40
°C to +125°C
MIC5393-3.0/3.0YMX
(2)
MIC5393-PPYMX
U3
3.0/3.0V
–40
°C to +125°C
MIC5393-3.3/1.8YMT
(2)
MIC5393-SGYMT
UB
3.3/1.8V
–40
°C to +125°C
MIC5393-3.3/1.8YMX
(2)
MIC5393-SGYMX
U2
3.3/1.8V
–40
°C to +125°C
MIC5393-3.3/3.3YMT
(2)
MIC5393-SSYMT
UR
3.3/3.3V
–40
°C to +125°C
MIC5393-3.3/3.3YMX
(2)
MIC5393-SSYMX
U4
3.3/3.3V
–40
°C to +125°C
MIC5393-3.3/3.3YMT
(2)
MIC5393-SSYMT
UR
3.3/3.3V
–40
°C to +125°C
MIC5393-3.3/3.3YMX
(2)
MIC5393-SSYMX
U4
3.3/3.3V
–40
°C to +125°C
Notes:
1.
Other voltages are available. Contact Micrel for details.
2.
MIC5393 offers Auto-Discharge function.
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com
Micrel makes no representations or warranties with respect to the accuracy or completeness of the information furnished in this data sheet. This
information is not intended as a warranty and Micrel does not assume responsibility for its use. Micrel reserves the right to change circuitry,
specifications and descriptions at any time without notice. No license, whether express, implied, arising by estoppel or otherwise, to any intellectual
property rights is granted by this document. Except as provided in Micrel’s terms and conditions of sale for such products, Micrel assumes no liability
whatsoever, and Micrel disclaims any express or implied warranty relating to the sale and/or use of Micrel products including liability or warranties
relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right.
© 2012 Micrel, Incorporated.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com