Electronic Components Datasheet Search
  English  ▼

X  

MIC5512 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5512
Description  Single 300mA LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5512 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5512 Datasheet HTML 1Page - Micrel Semiconductor MIC5512 Datasheet HTML 2Page - Micrel Semiconductor MIC5512 Datasheet HTML 3Page - Micrel Semiconductor MIC5512 Datasheet HTML 4Page - Micrel Semiconductor MIC5512 Datasheet HTML 5Page - Micrel Semiconductor MIC5512 Datasheet HTML 6Page - Micrel Semiconductor MIC5512 Datasheet HTML 7Page - Micrel Semiconductor MIC5512 Datasheet HTML 8Page - Micrel Semiconductor MIC5512 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC5512/14
April 8, 2013
2
Revision 1.1
Ordering Information
Part Number
Marking
Code
Output
Voltage
(1)
Auto-
Discharge
EN
Pull-down
Temperature
Range
Package
(2,3)
MIC5512-1.2YMT
7E
1.2V
YES
NO
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin DFN
MIC5512-1.8YMT
7D
1.8V
YES
NO
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin DFN
MIC5512-2.8YMT
7C
2.8V
YES
NO
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin DFN
MIC5512-3.3YMT
7A
3.3V
YES
NO
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin DFN
MIC5514-1.2YMT
B8
1.2V
YES
YES
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin DFN
MIC5514-1.8YMT
B7
1.8V
YES
YES
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin DFN
MIC5514-2.8YMT
A9
2.8V
YES
YES
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin DFN
MIC5514-3.0YMT
A8
3.0V
YES
YES
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin DFN
MIC5514-3.3YMT
A7
3.3V
YES
YES
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin DFN
Notes:
1.
Other voltages are available. Contact Micrel for details.
2.
Thin DFN
▲ = Pin 1 identifier.
3.
Thin DFN is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
6-Pin 1.6mm × 1.6mm Thin DFN (MT)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
EN
Enable Input: Active High. High = ON; Low = OFF. MIC5512 do not leave floating. MIC5514 has an
internal
4MΩ pull down resistor and will disable VOUT when EN is floating.
2, 5
NC
Not Connected.
3
VIN
Input Supply.
4
VOUT
Output Voltage. When disabled the MIC5512/
14 switches in an internal 25Ω load to discharge the
external capacitors.
6
GND
Ground.
EP
ePad
Exposed Heatsink Pad. Connect to GND for best performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com