Electronic Components Datasheet Search
  English  ▼

X  

MIC5512 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5512
Description  Single 300mA LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5512 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5512 Datasheet HTML 1Page - Micrel Semiconductor MIC5512 Datasheet HTML 2Page - Micrel Semiconductor MIC5512 Datasheet HTML 3Page - Micrel Semiconductor MIC5512 Datasheet HTML 4Page - Micrel Semiconductor MIC5512 Datasheet HTML 5Page - Micrel Semiconductor MIC5512 Datasheet HTML 6Page - Micrel Semiconductor MIC5512 Datasheet HTML 7Page - Micrel Semiconductor MIC5512 Datasheet HTML 8Page - Micrel Semiconductor MIC5512 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
MIC5512/14
April 8, 2013
3
Revision 1.1
Absolute Maximum Ratings
(1)
Supply Voltage (VIN) .......................................... –0.3V to 6V
Enable Voltage (VEN)......................................... –0.3V to VIN
Power Dissipation (PD) ........................... Internally Limited
(3)
Lead Temperature (soldering, 10s)............................ 260°C
Junction Temperature (TJ) ........................–40°C to +150°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(4).................................................................. 3kV
Operating Ratings
(2)
Supply Voltage (VIN)......................................... 2.5V to 5.5V
Enable Voltage (VEN).............................................. 0V to VIN
Junction Temperature (TJ) ........................ –40°C to +125°C
Junction Thermal Resistance
1.6mm × 1.6mm Thin DFN-6 (
θ
JA) .................. 92.4°C/W
Electrical Characteristics
(5)
VIN = VEN = VOUT + 1V; CIN = COUT = 1µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Output Voltage Accuracy
Variation from nominal VOUT
–2.0
±1
+2.0
%
Variation from nominal VOUT; –40°C to +125°C
–3.0
+3.0
Line Regulation
VIN = VOUT +1V to 5.5V; IOUT = 100µA
0.02
0.3
%/V
Load Regulation
(6)
IOUT = 100µA to 300mA
8
40
mV
Dropout Voltage
(7)
IOUT = 150mA
IOUT = 300mA
80
160
190
380
mV
Ground Pin Current
(8)
IOUT = 0mA
IOUT = 300mA
38
42
55
65
µA
Ground Pin Current in Shutdown
VEN = 0V
0.05
1
µA
Ripple Rejection
f = 1kHz; COUT = 1µF
65
dB
Current Limit
VOUT = 0V
400
630
900
mA
Output Voltage Noise
COUT = 1µF, 10Hz to 100kHz
175
µVRMS
Auto-Discharge NFET Resistance
VEN = 0V; VIN = 3.6V; IOUT = –3mA
25
Ω
Enable Input
Enable Pull-Down Resistor
MIC5514 Only
4
MΩ
Enable Input Voltage
Logic Low
0.2
V
Logic High
1.2
Enable Input Current MIC5512
VEN = 0V
0.01
1
µA
VEN = 5.5V
0.01
1
Enable Input Current MIC5514
VEN = 0V
0.01
1
µA
VEN = 5.5V
1.4
2
Turn-On Time
COUT = 1µF; IOUT = 150mA
50
125
µs
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) /
θ
JA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
5.
Specification for packaged product only.
6.
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Changes in output voltage due to heating effects are
covered by the thermal regulation specification.
7.
Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential. For outputs below 2.5V, dropout voltage is the input-to-output differential with the minimum input voltage 2.5V.
8.
Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground pin
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com