Electronic Components Datasheet Search
  English  ▼

X  

MIC23201 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC23201
Description  2MHz PWM 2A Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23201 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC23201 Datasheet HTML 1Page - Micrel Semiconductor MIC23201 Datasheet HTML 2Page - Micrel Semiconductor MIC23201 Datasheet HTML 3Page - Micrel Semiconductor MIC23201 Datasheet HTML 4Page - Micrel Semiconductor MIC23201 Datasheet HTML 5Page - Micrel Semiconductor MIC23201 Datasheet HTML 6Page - Micrel Semiconductor MIC23201 Datasheet HTML 7Page - Micrel Semiconductor MIC23201 Datasheet HTML 8Page - Micrel Semiconductor MIC23201 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MIC23201
2MHz PWM 2A Buck Regulator with
Hyper Speed Control™
Hyper Speed Control is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademark Amkor Technology Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
August 2012
M9999-082912-A
General Description
The MIC23201 is a high efficiency 2MHz 2A synchronous
buck regulator with Hyper Speed Control. Micrel’s Hyper
Speed Control provides ultra-fast transient response which
is perfectly suited for supplying processor core voltages.
An additional benefit of this proprietary architecture is very
low output ripple voltage throughout the entire load range
with the use of small output capacitors. The tiny 3mm x
3mm MLF
® package saves precious board space and
requires only three external components.
The MIC23201 is designed for use with a very small
inductor, down to 1µH, and an output capacitor as small as
22µF that enables a total solution size, less than 1.5mm
height.
The MIC23201 provides a constant switching frequency
around 2MHz while achieving peak efficiencies up to 90%.
The MIC23201 is available in 10-pin 3mm x 3mm MLF
package with an operating junction temperature range
from –40
C to +125C.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
 Input voltage: 2.7V to 5.5V
 2A output current
 Up to 90% peak efficiency
 Programmable Soft-Start
 Power Good Indicator
 2MHz switching frequency
 Safe for pre-biased output
 Ultra fast transient response
 Low voltage output ripple, 16mV at full load
 Fully integrated MOSFET switches
 0.01µA shutdown current
 Thermal shutdown and current limit protection
 Output Voltage as low as 0.95V
 10-pin 3mm x 3mm MLF
 –40C to +125C operating junction temperature range
Applications
 Low Voltage Point of Load
 Blu Ray DVD Players
 Networking Equipment
 Set Top Boxes
____________________________________________________________________________________________________________
Typical Application
Efficiency (VIN = 3.3V)
vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.6
1.2
1.8
2.4
3
OUTPUT CURRENT (A)
2.5V
1.8V
1.5V
1.2V
0.95V
VIN = 3.3V


Similar Part No. - MIC23201

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23250 MICREL-MIC23250 Datasheet
594Kb / 15P
4MHz Dual 400mA Synchronous Buck Regulator with HYPER LIGHT LOAD?
MIC23250-3BYMT MICREL-MIC23250-3BYMT Datasheet
594Kb / 15P
4MHz Dual 400mA Synchronous Buck Regulator with HYPER LIGHT LOAD?
MIC23250-3BYMT MICREL-MIC23250-3BYMT Datasheet
995Kb / 20P
4MHz Dual 400mA Synchronous Buck Regulator with HyperLight Load
MIC23250-AAYMT MICREL-MIC23250-AAYMT Datasheet
995Kb / 20P
4MHz Dual 400mA Synchronous Buck Regulator with HyperLight Load
MIC23250-ADJ MICREL-MIC23250-ADJ Datasheet
594Kb / 15P
4MHz Dual 400mA Synchronous Buck Regulator with HYPER LIGHT LOAD?
More results

Similar Description - MIC23201

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2205 MICREL-MIC2205 Datasheet
453Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2207 MICREL-MIC2207 Datasheet
780Kb / 21P
3mmx3mm 2MHz 3A PWM Buck Regulator
logo
Intersil Corporation
ISL8500 INTERSIL-ISL8500 Datasheet
675Kb / 15P
2A Standard Buck PWM Regulator
December 10, 2007
logo
SamHop Microelectronics...
SM8312 SAMHOP-SM8312 Datasheet
245Kb / 11P
150KHz, 2A PWM Buck Switching Regulator
logo
Micrel Semiconductor
MIC2207 MICREL-MIC2207_10 Datasheet
572Kb / 18P
3mm x 3mm 2MHz 3A PWM Buck Regulator
MIC2205 MICREL-MIC2205_06 Datasheet
981Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
logo
Unisonic Technologies
UC34463 UTC-UC34463 Datasheet
197Kb / 6P
200KHZ, 2A PWM BUCK SWITCHING REGULATOR
UC34463 UTC-UC34463_15 Datasheet
237Kb / 6P
200KHZ, 2A PWM BUCK SWITCHING REGULATOR
logo
Renesas Technology Corp
ISL8500 RENESAS-ISL8500 Datasheet
1,001Kb / 15P
2A Standard Buck PWM Regulator
logo
ACE Technology Co., LTD...
ACE7222C ACE-ACE7222C Datasheet
467Kb / 10P
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com