Electronic Components Datasheet Search
  English  ▼

X  

MIC23201 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC23201
Description  2MHz PWM 2A Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23201 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC23201 Datasheet HTML 1Page - Micrel Semiconductor MIC23201 Datasheet HTML 2Page - Micrel Semiconductor MIC23201 Datasheet HTML 3Page - Micrel Semiconductor MIC23201 Datasheet HTML 4Page - Micrel Semiconductor MIC23201 Datasheet HTML 5Page - Micrel Semiconductor MIC23201 Datasheet HTML 6Page - Micrel Semiconductor MIC23201 Datasheet HTML 7Page - Micrel Semiconductor MIC23201 Datasheet HTML 8Page - Micrel Semiconductor MIC23201 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Micrel Inc.
MIC23201
August 2012
3
M9999-082912-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN, SVIN)……………………………... ..6V
Sense (VSNS).. ..................................................................6V
Power Good (PG)……................................................. ....6V
Output Switch Voltage
……………………………..…….6V
Enable Input Voltage (VEN)............................... -0.3V to VIN
Storage Temperature Range………………-65
C to +150C
ESD Rating
(3) ……………………………………………….1kV
Operating Ratings
(2)
Supply Voltage (VIN) ... …………………………..2.7V to 5.5V
Enable Input Voltage (VEN) .. ……………………….0V to VIN
Output Voltage Range (VSNS) ………………….0.95V to 3.6V
Junction Temperature Range (TJ) .... ….-40C  TJ  +125C
Thermal Resistance
3mm x 3mm MLF-10 (
JA) .............................60.7C/W
3mm x 3mm MLF-10 (
JC) .............................28.7C/W
Electrical Characteristics
(4)
TA = 25°C; VIN = VEN = 3.3V; L = 1.0µH; COUT = 22µF unless otherwise specified. Bold values indicate –40°C ≤ TJ ≤
+125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
2.7
5.5
V
Under-Voltage Lockout Threshold
VIN Rising
2.45
2.55
2.65
V
Under-Voltage Lockout Hysteresis
200
mV
Quiescent Current
IOUT = 0mA , SNS > 1.2 * VOUT Nominal
1.15
3.35
mA
Shutdown Current
VEN = 0V; VIN = 5.5V
1.34
5
µA
Feedback Voltage
ILOAD = 20mA
0.604
0.62
0.635
V
Feedback Bias Current
1
µA
Current Limit
SNS = 0.9*VOUTNOM
2.3
4.4
A
VIN = 3.6V to 5.5V if VOUTNOM < 2.5V, ILOAD = 20mA
Output Voltage Line Regulation
VIN = 4.5V to 5.5V if VOUTNOM ≥ 2.5V, ILOAD = 20mA
0.3
%/V
20mA < ILOAD < 500mA, VIN = 3.6V if VOUTNOM < 2.5V
20mA < ILOAD < 500mA, VIN = 5.0V if VOUTNOM ≥ 2.5V
0.46
%
20mA < ILOAD < 1A, VIN = 3.6V if VOUTNOM < 2.5V
Output Voltage Load Regulation
20mA < ILOAD < 1A, VIN = 5.0V if VOUTNOM ≥ 2.5V
0.71
%
PWM Switch ON-Resistance
ISW = 100mA PMOS
ISW = -100mA NMOS
0.200
0.190
Switching Frequency
IOUT = 120mA
2
MHz
Maximum Duty Cycle
VFB = 0V
80
%
Soft Start Time
VOUT = 90%, CSS=470pF
300
µs
Soft Start Current
VSS = 0V
2.7
µA
Power Good Threshold (Rising)
% of VNOMINAL
85
90
95
%
Power Good Hysteresis
7
%
Power Good Delay
68
µs
Power Good Pull Down Resistance
IPG = 250µA
85
Ω 
Enable Threshold
Turn-On
0.5
0.9
1.2
V
Enable Input Current
0.1
2
µA
Over Temperature Shutdown
TJ Rising
160
C
Over Temperature Shutdown
Hysteresis
20
C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com