Electronic Components Datasheet Search
  English  ▼

X  

MIC23201YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC23201YML
Description  2MHz PWM 2A Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23201YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC23201YML Datasheet HTML 1Page - Micrel Semiconductor MIC23201YML Datasheet HTML 2Page - Micrel Semiconductor MIC23201YML Datasheet HTML 3Page - Micrel Semiconductor MIC23201YML Datasheet HTML 4Page - Micrel Semiconductor MIC23201YML Datasheet HTML 5Page - Micrel Semiconductor MIC23201YML Datasheet HTML 6Page - Micrel Semiconductor MIC23201YML Datasheet HTML 7Page - Micrel Semiconductor MIC23201YML Datasheet HTML 8Page - Micrel Semiconductor MIC23201YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Micrel Inc.
MIC23201
August 2012
2
M9999-082912-A
Ordering Information
Part Number
Marking
Code
Nominal Output
Voltage
Package
Junction
Temp. Range
Lead
Finish
MIC23201YML
201A
ADJ
10-pin 3mm x 3mm MLF
-40
C to +125C
Pb-Free
Notes:
1. Other options available. Contact Micrel for details.
2.
MLF is GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
10 Pin 3mm x 3mm MLF (ML)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
SW
Switch output: Internal power MOSFET output switches.
2
EN
Enable input: Logic high enables operation of the regulator. Logic low will shut down the device. Do
not leave floating.
3
SNS
Sense input: Connect to VOUT as close to output capacitor as possible to sense output voltage.
4
FB
Feedback input: The FB pin is regulated to 0.62V. Connect a resistor divider from the output to
ground to set the output voltage.
5
PG
Power Good output: Open Drain output for the power good indicator. Place a resistor between this
pin and a voltage source to detect a power good condition.
6
SS
Soft Start: Place a capacitor from SS pin to ground to program the soft start time. Do not leave this
pin floating. Minimum of 100pF CSS is required.
7
AGND
Analog Ground: Connect to central ground point where all high current paths meet (CIN, COUT,
PGND) for best operation.
8
SVIN
Signal input voltage: This pin is connected externally to the VIN pin. A 2.2µF ceramic capacitor from
the SVIN pin to AGND must be placed next to the IC.
9
VIN
Power supply input voltage: The VIN pin is the input supply to the internal P-Channel Power
MOSFET. A 22µF ceramic is recommended for bypassing at VIN pin.
10
PGND
Power Ground.
EP
ePad
Thermal pad. It must be connected to PGND on the PCB to improve the thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com