Electronic Components Datasheet Search
  English  ▼

X  

MIC23201YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC23201YML
Description  2MHz PWM 2A Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23201YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC23201YML Datasheet HTML 1Page - Micrel Semiconductor MIC23201YML Datasheet HTML 2Page - Micrel Semiconductor MIC23201YML Datasheet HTML 3Page - Micrel Semiconductor MIC23201YML Datasheet HTML 4Page - Micrel Semiconductor MIC23201YML Datasheet HTML 5Page - Micrel Semiconductor MIC23201YML Datasheet HTML 6Page - Micrel Semiconductor MIC23201YML Datasheet HTML 7Page - Micrel Semiconductor MIC23201YML Datasheet HTML 8Page - Micrel Semiconductor MIC23201YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Micrel Inc.
MIC23201
August 2012
4
M9999-082912-A
Typical Characteristics
VIN Operating Supply Current
vs. Input Voltage
0
10
20
30
40
50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 0A
SWITCHING
VIN Shutdown Current
vs. Input Voltage
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VEN = 0V
Feedback Voltage
vs. Input Voltage
0.600
0.608
0.616
0.624
0.632
0.640
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
Output Regulation
vs. Input Voltage
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
1.2%
1.4%
1.6%
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 0A to 2A
Current Limit
vs. Input Voltage
0
2
4
6
8
10
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
Enable Threshold
vs. Input Voltage
0.00
0.20
0.40
0.60
0.80
1.00
1.20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Falling
Rising
Switching Frequency
vs. Input Voltage
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 0A
Enable Input Current
vs. Input Voltage
0.00
0.25
0.50
0.75
1.00
1.25
1.50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VEN = VIN
Power Good Threshold/VREF
Ratio vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VREF = 0.62V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com