Electronic Components Datasheet Search
  English  ▼

X  

EL2004 Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL2004
Description  350 MHz FET Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2004 Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL2004 Datasheet HTML 5Page - Elantec Semiconductor EL2004 Datasheet HTML 6Page - Elantec Semiconductor EL2004 Datasheet HTML 7Page - Elantec Semiconductor EL2004 Datasheet HTML 8Page - Elantec Semiconductor EL2004 Datasheet HTML 9Page - Elantec Semiconductor EL2004 Datasheet HTML 10Page - Elantec Semiconductor EL2004 Datasheet HTML 11Page - Elantec Semiconductor EL2004 Datasheet HTML 12Page - Elantec Semiconductor EL2004 Datasheet HTML 13Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
EL2004EL2004C
350 MHz FET Buffer
Circuit Operation
Contd
Increasing Operating Voltage
and Reducing Thermal Tail
When driving heavy loads the changing dissipa-
tion in the output transistors can sometimes
cause temperature gradients in the circuit which
cause a shift in offset voltage and the phenome-
non known as ‘‘thermal tail’’ Bootstrapping the
output as illustrated substantially reduces the
power in the output transistors and mitigates the
effect
High Voltage Inputs can be Accommodated
with Bootstrapped Supplies
2004 – 13
Hardware
In order to utilize the full drive capabilities of the
EL2004 it should be mounted with a heatsink
particularly for extended temperature operation
Suitable heatsinks include Thermalloy 2240A
(33 CW)
Wakefield
215CB
(30 CW)
and
IERC-UP-TO-848CB (15 CW)
The case is isolated from the circuit and may be
connected to system chassis Sockets are not rec-
ommended as they add substantial inductance
and capacitance which impair the performance of
the device However for test purposes they are
unavoidable and precautions such as shielding in-
put from output are suggested
General Application Suggestions
Video DAC Buffer
Many of the available video D to A converters
are unable to directly drive 50
X or 75X cables
The EL2004’s excellent phase linearity at video
frequencies make it an ideal solution In critical
applications or where line termination is not con-
trolled a matching pad should be used as shown
The capacitor should be adjusted for optimum
pulse response If properly layed out this circuit
will not overshoot
Video DAC Buffer
2004 – 14
Impedance Matching
The EL2004 provides power gain and isolation
between source and load when used as an active
tap or impedance matching device as illustrated
here In this example there is no output match-
ing pad between the 2004 and the 75
X line Such
matching is not needed when the distant end of
the cable is properly terminated as there is no
reflected signal to worry about and the 2004 iso-
lates the source This technique allows the full
output voltage of the EL2004 to be applied to the
load
Impedance Converter
2004 – 15
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com