Electronic Components Datasheet Search
  English  ▼

X  

PS9552L2 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS9552L2
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9552L2 Datasheet(HTML) 4 Page - California Eastern Labs

  PS9552L2 Datasheet HTML 1Page - California Eastern Labs PS9552L2 Datasheet HTML 2Page - California Eastern Labs PS9552L2 Datasheet HTML 3Page - California Eastern Labs PS9552L2 Datasheet HTML 4Page - California Eastern Labs PS9552L2 Datasheet HTML 5Page - California Eastern Labs PS9552L2 Datasheet HTML 6Page - California Eastern Labs PS9552L2 Datasheet HTML 7Page - California Eastern Labs PS9552L2 Datasheet HTML 8Page - California Eastern Labs PS9552L2 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Data Sheet PN10589EJ07V0DS
4
PS9552,PS9552L1,PS9552L2,PS9552L3
PHOTOCOUPLER CONSTRUCTION
Parameter
PS9552, PS9552L3
PS9552L1, PS9552L2
Air Distance (MIN.)
7 mm
8 mm
Outer Creepage Distance (MIN.)
7 mm
8 mm
Isolation Distance (MIN.)
0.4 mm
0.4 mm
FUNCTIONAL DIAGRAM
MARKING EXAMPLE
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com