Electronic Components Datasheet Search
  English  ▼

X  

PS9552L2 Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS9552L2
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9552L2 Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS9552L2 Datasheet HTML 4Page - California Eastern Labs PS9552L2 Datasheet HTML 5Page - California Eastern Labs PS9552L2 Datasheet HTML 6Page - California Eastern Labs PS9552L2 Datasheet HTML 7Page - California Eastern Labs PS9552L2 Datasheet HTML 8Page - California Eastern Labs PS9552L2 Datasheet HTML 9Page - California Eastern Labs PS9552L2 Datasheet HTML 10Page - California Eastern Labs PS9552L2 Datasheet HTML 11Page - California Eastern Labs PS9552L2 Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Data Sheet PN10589EJ07V0DS
8
PS9552,PS9552L1,PS9552L2,PS9552L3
SWITCHING CHARACTERISTICS (TA = 40 to +100 C, VCC = 15 to 30 V, IF (ON) = 7 to 16 mA,
VF (OFF) = 2 to 0.8 V, VEE = GND, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Propagation Delay Time (L
H)
tPLH
Rg = 10
, Cg = 10 nF, f = 10 kHz,
0.1
0.3
0.5
s
Propagation Delay Time (H
L)
tPHL
Duty Cycle = 50%
*2, IF = 7 to 16 mA
0.1
0.3
0.5
s
Pulse Width Distortion (PWD)
|tPHL tPLH|
0.3
s
Propagation Delay Time (Difference
Between Any Two Products)
tPHL tPLH
0.35
0.35
s
Rise Time
tr
0.1
s
Fall Time
tf
0.1
s
UVLO (Turn On Delay)
tUVLO ON
VO > 5 V, IF = 10 mA
0.8
s
UVLO (Turn Off Delay)
tUVLO OFF
VO < 5 V, IF = 10 mA
0.6
s
Common Mode Transient Immunity at
High Level Output
*3
|CMH|
TA = 25 C, IF = 10 to 16 mA, VCC = 30 V,
VO (MIN.) = 26 V, VCM = 1.5k V
25
kV/ s
Common Mode Transient Immunity at
Low Level Output
*3
|CML|
TA = 25 C, IF = 0 mA, VCC = 30 V,
VO (MAX.) = 1 V, VCM = 1.5k V
25
kV/ s
*1 Typical values at TA = 25 C.
*2 This load condition is equivalent to the IGBT load at 1 200 V/75 A.
*3 Connect pin 1 and pin 4 to the LED common.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com