Electronic Components Datasheet Search
  English  ▼

X  

PS9587-AX Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS9587-AX
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9587-AX Datasheet(HTML) 5 Page - California Eastern Labs

  PS9587-AX Datasheet HTML 1Page - California Eastern Labs PS9587-AX Datasheet HTML 2Page - California Eastern Labs PS9587-AX Datasheet HTML 3Page - California Eastern Labs PS9587-AX Datasheet HTML 4Page - California Eastern Labs PS9587-AX Datasheet HTML 5Page - California Eastern Labs PS9587-AX Datasheet HTML 6Page - California Eastern Labs PS9587-AX Datasheet HTML 7Page - California Eastern Labs PS9587-AX Datasheet HTML 8Page - California Eastern Labs PS9587-AX Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet PN10678EJ04V0DS
5
PS9587,PS9587L1,PS9587L2,PS9587L3
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number*
1
PS9587
PS9587-AX
Pb-Free
Magazine case 50 pcs
Standard products
PS9587
PS9587L1
PS9587L1-AX
(Ni/Pd/Au)
(UL, CSA, BSI,
PS9587L1
PS9587L2
PS9587L2-AX
SEMKO, NEMKO,
PS9587L2
PS9587L3
PS9587L3-AX
DEMKO, FIMKO
PS9587L3
PS9587L2-E3
PS9587L2-E3-AX
Embossed Tape 1 000 pcs/reel
approved)
PS9587L2
PS9587L3-E3
PS9587L3-E3-AX
PS9587L3
PS9587-V
PS9587-V-AX
Magazine case 50 pcs
DIN EN60747-5-2
PS9587
PS9587L1-V
PS9587L1-V-AX
(VDE0884 Part2)
PS9587L1
PS9587L2-V
PS9587L2-V-AX
Approved (Option)
PS9587L2
PS9587L3-V
PS9587L3-V-AX
PS9587L3
PS9587L2-V-E3
PS9587L2-V-E3-AX
Embossed Tape 1 000 pcs/reel
PS9587L2
PS9587L3-V-E3
PS9587L3-V-E3-AX
PS9587L3
*1 For the application of the Safety Standard, following part number should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com