Electronic Components Datasheet Search
  English  ▼

X  

PS9587-AX Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS9587-AX
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9587-AX Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS9587-AX Datasheet HTML 4Page - California Eastern Labs PS9587-AX Datasheet HTML 5Page - California Eastern Labs PS9587-AX Datasheet HTML 6Page - California Eastern Labs PS9587-AX Datasheet HTML 7Page - California Eastern Labs PS9587-AX Datasheet HTML 8Page - California Eastern Labs PS9587-AX Datasheet HTML 9Page - California Eastern Labs PS9587-AX Datasheet HTML 10Page - California Eastern Labs PS9587-AX Datasheet HTML 11Page - California Eastern Labs PS9587-AX Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet PN10678EJ04V0DS
8
PS9587,PS9587L1,PS9587L2,PS9587L3
*1 Typical values at TA = 25 C
*2 Because VOL of 2 V or more may be output when LED current is input and when output power supply is on and
off, confirm the characteristics (operation with the power supply on and off) during design, before using this
device.
*3 Test circuit for propagation delay time
*4 Test circuit for common mode transient immunity
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of more than 0.1
F is used between VCC and GND near device. Also, ensure that the
distance between the leads of the photocoupler and capacitor is no more than 10 mm.
3. Pins 1, 4 (which is an NC
*1 pin) can either be connected directly to the GND pin on the LED side or left open.
Also, Pin 7 (which is an NC
*1 pin) can either be connected directly to the GND pin on the detector side or left
open.
Unconnected pins should not be used as a bypass for signals or for any other similar purpose because this
may degrade the internal noise environment of the device.
*1 NC: Non-Connection (No Connection)
4. Avoid storage at a high temperature and high humidity.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com