Electronic Components Datasheet Search
  English  ▼

X  

EL2140CS Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL2140CS
Description  150 MHz Differential Twisted Pair Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2140CS Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL2140CS Datasheet HTML 3Page - Elantec Semiconductor EL2140CS Datasheet HTML 4Page - Elantec Semiconductor EL2140CS Datasheet HTML 5Page - Elantec Semiconductor EL2140CS Datasheet HTML 6Page - Elantec Semiconductor EL2140CS Datasheet HTML 7Page - Elantec Semiconductor EL2140CS Datasheet HTML 8Page - Elantec Semiconductor EL2140CS Datasheet HTML 9Page - Elantec Semiconductor EL2140CS Datasheet HTML 10Page - Elantec Semiconductor EL2140CS Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EL2140C2141C
150 MHz Differential Twisted Pair Driver
Applications Information
Contd
H3 The third harmonic should be the dominant
harmonic and is primarily affected by output
load current which of course is unavoidable
However this should encourage the user not to
waste current in the gain setting resistors and to
use values that consume only a small proportion
of the load current so long as peaking does not
occur The more load current the worse the dis-
tortion but depending on the frequency it may
be possible to reduce the amplifier gain so that
there is more internal gain left to cancel out any
distortion
H5 The fifth harmonic should always be below
the third and will not become significant until
heavy load currents are drawn
Generally
it
should respond to the same efforts applied to re-
ducing the third harmonic
H6 The sixth harmonic should not be a problem
and is the result of poor power supply decou-
pling While 100 nF chip capacitors may be suffi-
cient for some applications it would be insuffi-
cient for driving full signal swings into a twisted
pair line at 100 kHz Under these conditions the
addition of 47
mF tantalum capacitors would
cure the problem
Typical Applications Circuits
2140-15
Figure 1 Typical Twisted Pair Application
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com