Electronic Components Datasheet Search
  English  ▼

X  

JAN2N708 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JAN2N708
Description  NPN SILICON SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN2N708 Datasheet(HTML) 1 Page - Microsemi Corporation

  JAN2N708 Datasheet HTML 1Page - Microsemi Corporation JAN2N708 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/312
Devices
Qualified Level
2N708
JAN, JANTX
MAXIMUM RATINGS
Ratings
Symbol
Value
Units
Collector-Emitter Voltage
VCEO
15
Vdc
Collector-Base Voltage
VCBO
40
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector-Emitter Voltage
VCER
20
Vdc
Total Power Dissipation
@ TA = +25
0C (1)
@ TC = +25
0C (2)
PT
0.36
1.2
W
W
Operating & Storage Junction Temperature Range
Top, Tstg
-65 to +200
0C
1) Derate linearly 2.06 mW/
0C for TA > 250C
2) Derate linearly 6.90 mW/
0C for TC > 250C
TO-18 (TO-206AA)*
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
IC = 1.0 µAdc
V(BR)CBO
40
Vdc
Emitter-Base Breakdown Voltage
IE = 10 µAdc
V(BR)EBO
5.0
Vdc
Collector-Emitter Breakdown Voltage
IC = 10 mAdc
V(BR)CEO
15
Vdc
Collector-Emitter Breakdown Voltage
IC = 10 mAdc, RBE
≤ 10 Ω
V(BR)CER
20
Vdc
Collector-Base Cutoff Current
VCB = 20 Vdc
ICBO
25
ηAdc
Emitter-Base Cutoff Current
VEB = 4.0 Vdc
IEBO
80
ηAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - JAN2N708

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N718A MICROSEMI-JAN2N718A Datasheet
228Kb / 4P
NPN LOW POWER SILICON TRANSISTOR
JAN2N720A MICROSEMI-JAN2N720A Datasheet
59Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
JAN2N7224 MICROSEMI-JAN2N7224 Datasheet
950Kb / 9P
N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
JAN2N72241N6036 MICROSEMI-JAN2N72241N6036 Datasheet
534Kb / 7P
1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPESSOR Qualified per MIL-PRF-19500/507
JAN2N72241N6036A MICROSEMI-JAN2N72241N6036A Datasheet
534Kb / 7P
1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPESSOR Qualified per MIL-PRF-19500/507
More results

Similar Description - JAN2N708

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Jun-1998
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
NPN Silicon Switching Transistor
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
NPN Silicon Switching Transistor
Nov-30-2001
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Feb-2003
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com