Electronic Components Datasheet Search
  English  ▼

X  

JAN2N708 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JAN2N708
Description  NPN SILICON SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN2N708 Datasheet(HTML) 2 Page - Microsemi Corporation

  JAN2N708 Datasheet HTML 1Page - Microsemi Corporation JAN2N708 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N708 JANTX SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 0.5 mAdc, VCE = 1.0 Vdc
IC = 10 mAdc, VCE = 1.0 Vdc
hFE
15
40
120
Collector-Emitter Saturation Voltage
IC = 10 mAdc, IB = 1.0 mAdc
VCE(sat)
0.40
Vdc
Base-Emitter Voltage
IC = 10 mAdc, IB = 1.0 mAdc
IC = 1.0 mAdc, IB = 0.1 mAdc
VBE(sat)
0.72
0.80
0.72
Vdc
DYNAMIC CHARACTERISTICS
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 10 mAdc, VCE = 10 Vdc, f = 100 MHZ
h
fe
3.0
9.0
Output Capacitance
VCB = 10 Vdc, IE = 0, f = 1.0 MHz
Cobo
6.0
p
ƒ
Input Capacitance
VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz
Cibo
9.0
p
ƒ
SWITCHING CHARACTERISTICS
Charge Storage Time
IC = IB1 = -IB21 = 10 mAdc
ts
25
ηs
Turn-On Time
VBE ≈ -2.0 Vdc; IC ≈ 10 mAdc; IB1
≈ 3.0 mAdc
ton
40
ηs
Turn-Off Time
IC ≈ 10 mAdc; IB1
≈ 3.0 mAdc, I
B2
≈ -1.0 mAdc
toff
75
ηs
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com