Electronic Components Datasheet Search
  English  ▼

X  

EL2160CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL2160CS
Description  130 MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2160CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL2160CS Datasheet HTML 1Page - Elantec Semiconductor EL2160CS Datasheet HTML 2Page - Elantec Semiconductor EL2160CS Datasheet HTML 3Page - Elantec Semiconductor EL2160CS Datasheet HTML 4Page - Elantec Semiconductor EL2160CS Datasheet HTML 5Page - Elantec Semiconductor EL2160CS Datasheet HTML 6Page - Elantec Semiconductor EL2160CS Datasheet HTML 7Page - Elantec Semiconductor EL2160CS Datasheet HTML 8Page - Elantec Semiconductor EL2160CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
EL2160C
130 MHz Current Feedback Amplifier
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these
specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
1993 Elantec Inc
Features
 130 MHz 3 dB bandwidth
(AV ea2)
 180 MHz 3 dB bandwidth
(AV ea1)
 001% differential gain
RL e 500X
 001 differential phase
RL e 500X
 Low supply current 85 mA
 Wide supply range g2V to g15V
 80 mA output current (peak)
 Low cost
 1500 V ms slew rate
 Input common mode range to
within 15V of supplies
 35 ns settling time to 01%
Applications
 Video amplifiers
 Cable drivers
 RGB amplifiers
 Test equipment amplifiers
 Current to voltage converter
Ordering Information
Part No
Temp Range
Package
Outline
EL2160CN b40 Cto a85 C 8-Pin P-DIP MDP0031
EL2160CS
b
40 Cto a85 C 8-Pin SOIC
MDP0027
General Description
The EL2160C is a current feedback operational amplifier with
b
3 dB bandwidth of 130 MHz at a gain of a2 Built using the
Elantec proprietary monolithic complementary bipolar process
this amplifer uses current mode feedback to achieve more band-
width at a given gain than a conventional voltage feedback op-
erational amplifier
The EL2160C is designed to drive a double terminated 75
X coax
cable to video levels Differential gain and phase are excellent
when driving both loads of 500
X (k001% k001 ) and double
terminated 75
X cables (0025%01 )
The amplifier can operate on any supply voltage from 4V
(g2V) to 33V (g165V) yet consume only 85 mA at any sup-
ply voltage Using industry standard pinouts the EL2160C is
available in 8-pin P-DIP and 8-pin SO packages For dual and
quad applications please see the EL2260CEL2460C datasheet
Elantec’s facilities comply with MIL-I-45208A and offer appli-
cable quality specifications See the Elantec document QRA-2
Elantec’s Military ProcessingMonolithic Products
Connection Diagram
EL2160C SO P-DIP
Packages
2060 – 1
Top View


Similar Part No. - EL2160CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160CS-T13 ELANTEC-EL2160CS-T13 Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2160CS-T13 INTERSIL-EL2160CS-T13 Datasheet
280Kb / 14P
180MHz Current Feedback Amplifier
September 26, 2001
logo
Elantec Semiconductor
EL2160CS-T7 ELANTEC-EL2160CS-T7 Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2160CS-T7 INTERSIL-EL2160CS-T7 Datasheet
280Kb / 14P
180MHz Current Feedback Amplifier
September 26, 2001
More results

Similar Description - EL2160CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
50 MHz Current Feedback Amplifier
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
Dual/Quad 130 MHz Current Feedback Amplifiers
EL2360C ELANTEC-EL2360C Datasheet
417Kb / 16P
Triple 130 MHz Current Feedback Amplifier
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
120 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
85 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
50 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_15 Datasheet
436Kb / 17P
300 MHz Current Feedback Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com