Electronic Components Datasheet Search
  English  ▼

X  

EL2160CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL2160CS
Description  130 MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2160CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL2160CS Datasheet HTML 1Page - Elantec Semiconductor EL2160CS Datasheet HTML 2Page - Elantec Semiconductor EL2160CS Datasheet HTML 3Page - Elantec Semiconductor EL2160CS Datasheet HTML 4Page - Elantec Semiconductor EL2160CS Datasheet HTML 5Page - Elantec Semiconductor EL2160CS Datasheet HTML 6Page - Elantec Semiconductor EL2160CS Datasheet HTML 7Page - Elantec Semiconductor EL2160CS Datasheet HTML 8Page - Elantec Semiconductor EL2160CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
EL2160C
130 MHz Current Feedback Amplifier
Absolute Maximum Ratings (T
A
e
25 C)
Voltage between VS
a and VSb
a
33V
Voltage between aIN and bIN
g
6V
Current into aIN or bIN
10 mA
Internal Power Dissipation
See Curves
Operating Ambient Temperature Range
b
40 Cto a85 C
Operating Junction Temperature
Plastic Packages
150 C
Output Current
g
50 mA
Storage Temperature Range
b
65 Cto a150 C
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
Open Loop DC Electrical Characteristics
VS e g15V RL e 150X TA e 25 C unless otherwise specified
Parameter
Description
Conditions
Temp
Limits
Test Level
Units
Min
Typ
Max
EL2160C
VOS
Input Offset Voltage
VS e g5V g15V
25 C
2
10
I
mV
TC VOS
Average Offset Voltage
Full
10
V
mV C
Drift (Note 1)
a
IIN
a
Input Current
VS e g5V g15V
25 C
05
5
I
mA
b
IIN
b
Input Current
VS e g5V g15V
25 C
5
25
I
mA
CMRR
Common Mode Rejection
VS e g5V g15V
25 C50
55
II
dB
Ratio (Note 2)
b
ICMR
b
Input Current Common
VS e g5V g15V
25 C
02
5
I
mAV
Mode Rejection (Note 2)
PSRR
Power Supply Rejection
25 C75
95
II
dB
Ratio (Note 3)
b
IPSR
b
Input Current Power
25 C
02
5
I
mAV
Supply Rejection (Note 3)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com