Electronic Components Datasheet Search
  English  ▼

X  

EL2170CS Datasheet(PDF) 12 Page - Elantec Semiconductor

Part # EL2170CS
Description  70 MHz/1 mA Current Mode Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2170CS Datasheet(HTML) 12 Page - Elantec Semiconductor

Back Button EL2170CS Datasheet HTML 8Page - Elantec Semiconductor EL2170CS Datasheet HTML 9Page - Elantec Semiconductor EL2170CS Datasheet HTML 10Page - Elantec Semiconductor EL2170CS Datasheet HTML 11Page - Elantec Semiconductor EL2170CS Datasheet HTML 12Page - Elantec Semiconductor EL2170CS Datasheet HTML 13Page - Elantec Semiconductor EL2170CS Datasheet HTML 14Page - Elantec Semiconductor EL2170CS Datasheet HTML 15Page - Elantec Semiconductor EL2170CS Datasheet HTML 16Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
EL2170CEL2270CEL2470C
70 MHz1 mA Current Mode Feedback Amplifiers
Applications Information
Contd
Video Performance has also been measured with
a 500
X load at a gain of a1 Under these condi-
tions the EL2170CEL2270CEL2470C have dG
and dP specifications of 001% and 002 respec-
tively while driving 500
X at AV ea1
Output Drive Capability
In spite of its low 1 mA of supply current the
EL2170C is capable of providing a minimum of
g
80 mA of output current Similarly each am-
plifier of the EL2270C and the EL2470C is capa-
ble of providing a minimum of g50 mA These
output drive levels are unprecedented in amplifi-
ers running at these supply currents With a min-
imum g80 mA of output drive the EL2170C is
capable of driving 50
X loads to g4V making it
an excellent choice for driving isolation trans-
formers
in
telecommunications
applications
Similarly the g50 mA minimum output drive of
each EL2270C and EL2470C amplifier allows
swings of g25V into 50
X loads
Driving Cables and Capacitive Loads
When used as a cable driver double termination
is always recommended for reflection-free per-
formance For those applications the back-termi-
nation series resistor will decouple the EL2170C
EL2270CEL2470C from the cable and allow ex-
tensive capacitive drive However other applica-
tions may have high capacitive loads without a
back-termination resistor In these applications a
small series resistor (usually between 5
X and
50
X) can be placed in series with the output to
eliminate most peaking The gain resistor (RG)
can then be chosen to make up for any gain loss
which may be created by this additional resistor
at the output In many cases it is also possible to
simply increase the value of the feedback resistor
(RF) to reduce the peaking
Current Limiting
The EL2170CEL2270CEL2470C have no inter-
nal current-limiting circuitry If any output is
shorted it is possible to exceed the Absolute
Maximum Ratings for output current or power
dissipation potentially resulting in the destruc-
tion of the device
Power Dissipation
With the high output drive capability of the
EL2170CEL2270CEL2470C
it is possible to
exceed the 150 C Absolute Maximum junction
temperature under certain very high load current
conditions Generally speaking when RL falls be-
low about 25
X it is important to calculate the
maximum junction temperature (TJMAX) for the
application to determine if power-supply volt-
ages load conditions or package type need to be
modified for the EL2170CEL2270CEL2470C to
remain in the safe operating area These parame-
ters are calculated as follows
TJMAX e TMAX a (iJA n PDMAX)
1
where
TMAX
e
Maximum Ambient Temperature
iJA
e
Thermal Resistance of the Package
n
e
Number of Amplifiers in the Pack-
age
PDMAX e Maximum Power Dissipation of
Each Amplifier in the Package
PDMAX for each amplifier can be calculated as
follows
PDMAX e (2 VS ISMAX) a
(VS b VOUTMAX) (VOUTMAX RL))
2
where
VS
e
Supply Voltage
ISMAX
e
Maximum Supply Current of 1
Amplifier
VOUTMAX e Max Output Voltage of the Ap-
plication
RL
e
Load Resistance
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com