Electronic Components Datasheet Search
  English  ▼

X  

EL2170CS Datasheet(PDF) 15 Page - Elantec Semiconductor

Part # EL2170CS
Description  70 MHz/1 mA Current Mode Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2170CS Datasheet(HTML) 15 Page - Elantec Semiconductor

Back Button EL2170CS Datasheet HTML 8Page - Elantec Semiconductor EL2170CS Datasheet HTML 9Page - Elantec Semiconductor EL2170CS Datasheet HTML 10Page - Elantec Semiconductor EL2170CS Datasheet HTML 11Page - Elantec Semiconductor EL2170CS Datasheet HTML 12Page - Elantec Semiconductor EL2170CS Datasheet HTML 13Page - Elantec Semiconductor EL2170CS Datasheet HTML 14Page - Elantec Semiconductor EL2170CS Datasheet HTML 15Page - Elantec Semiconductor EL2170CS Datasheet HTML 16Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
EL2170CEL2270CEL2470C
70 MHz1 mA Current Mode Feedback Amplifiers
EL2170CEL2270CEL2470C Macromodel
Revision A March 1995
Transimpedance Stage
AC characteristics used RfeRge1K
X RLe150X
Connections
a
input
g1 0 18 17 0 10
l
b
input
rol 18 0 400K
ll
a
Vsupply
cdp 18 0 19pF
lll
b
Vsupply
llll
output
Output Stage
lllll
subckt EL2170el
32746
q1 4 18 19 qp
q271820qn
Input Stage
q3 7 19 21 qn
q442022qp
e1 100301 0
r7 2164
vis 1090V
r82264
h2 9 12 vxx 10
ios1 7 19 04mA
r1 2 11 165
ios2 20 4 04mA
l1 11 12 25nH
iinp 3 0 05uA
Supply Current
iinm 2 0 4uA
r12 3 0 4Meg
ips741nA
Slew Rate Limiting
Error Terms
h1 13 0 vis 600
ivos 0 23 2mA
r2 13 14 1K
vxx 23 0 0V
d1 14 0 dclamp
e4 240301 0
d2 0 14 dclamp
e5 250701 0
e6 26040 b10
High Frequency Pole
r9 24 23 0316K
r10 25 23 32K
e2 30 0 14 0 000166666666
r11 26 23 32K
l3 30 17 05uH
c5 17 0 069pF
Models
r5 17 0 300
model qn npn(ise5e-15 bfe200 tfe001nS)
model qp pnp(ise5e-15 bfe200 tfe001nS)
model dclamp d(ise1e-30 ibve0266
a
bve13v ne4)
ends
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com