Electronic Components Datasheet Search
  English  ▼

X  

2SD2583 Datasheet(PDF) 4 Page - NEC

Part # 2SD2583
Description  AUDIO FREQUENCY AMPLIFIER, SWITCHING NOPN SILICON EPITAXIAL TRANSISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SD2583 Datasheet(HTML) 4 Page - NEC

  2SD2583 Datasheet HTML 1Page - NEC 2SD2583 Datasheet HTML 2Page - NEC 2SD2583 Datasheet HTML 3Page - NEC 2SD2583 Datasheet HTML 4Page - NEC 2SD2583 Datasheet HTML 5Page - NEC 2SD2583 Datasheet HTML 6Page - NEC 2SD2583 Datasheet HTML 7Page - NEC 2SD2583 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2SD2583
VCE - Collector to Emitter Voltage - V
Collector to Emitter Voltage vs Collector Current
6
5
4
3
2
1
0
4.0
3.0
2.0
1.0
16 mA
12 mA
8mA
IB = 4 mA
DC Current Gain vs Collector Current
IC - Collector Current - A
1.0
10
100 m
10 m
1 m
10
1
100
1000
VC E = 2 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com