Electronic Components Datasheet Search
  English  ▼

X  

2SD2583 Datasheet(PDF) 1 Page - NEC

Part # 2SD2583
Description  AUDIO FREQUENCY AMPLIFIER, SWITCHING NOPN SILICON EPITAXIAL TRANSISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SD2583 Datasheet(HTML) 1 Page - NEC

  2SD2583 Datasheet HTML 1Page - NEC 2SD2583 Datasheet HTML 2Page - NEC 2SD2583 Datasheet HTML 3Page - NEC 2SD2583 Datasheet HTML 4Page - NEC 2SD2583 Datasheet HTML 5Page - NEC 2SD2583 Datasheet HTML 6Page - NEC 2SD2583 Datasheet HTML 7Page - NEC 2SD2583 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cutoff Currnet
ICB0
VCB = 30 V, IE = 0
100
nA
Emitter Cutoff Current
IEB0
VEB = 6.0 V, IC = 0
100
nA
DC Current Gain
hFE1
VCE = 2.0 V, IC = 1.0 A
150
600
−
DC Current Gain
hFE2
VCE = 2.0 V, IC = 4.0 A
50
−
Collector Saturation Voltage
VCE(sat)1
IC = 1.0 A, IB = 50 mA
0.07
0.15
V
Collector Saturation Voltage
VCE(sat)2
IC = 2.0 A, IB = 0.1 A
0.13
0.25
V
Collector Saturation Voltage
VCE(sat)3
IC = 4.0 A, IB = 0.2 A
0.24
0.50
V
Base Saturation Voltage
VBE(sat)
IC = 2.0 A, IB = 0.1 A
0.86
1.50
V
Gain Bandwidth Product
fT
VCE = 10 V, IE = 50 mA
120
MHz
Output Capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
77
pF
©
1996
DATA SHEET
The information in this document is subject to change without notice.
SILICON TRANSISTOR
2SD2583
FEATURES
• Low VCE(sat)
VCE(sat) = 0.15 V Max (@lC/lB = 1.0 A/50 mA)
• High DC Current Gain
hEF = 150 to 600 (@VCE = 2.0 V, lC = 1.0 A)
ABSOLUTE MAXIMUM RATINGS
Maximum Voltage and Current (TA = 25
°C)
Collector to Base Voltage
VCB0
30 V
Collector to Emitter Volteage
VCE0
30 V
Emitter to Base Voltage
VEB0
6.0 V
Collector Current (DC)
IC(DC)
5.0 A
Collector Current (Pulse)*
IC(Pulse)
10 A
Base Current (DC)
IB(DC)
2.0A
* PW
≤ 10ms, Duty Cycle ≤ 10 %
Maximum Power Dissipation
Total Power Dissipation (TC = 25
°C)
PT
10 W
Total Power Dissipation (TA = 25
°C)
PT
1.0 W
Maximum Temperature
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to 150 °C
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Document No. D10628EJ1V0DS00 (1st edition)
Date Published June 1996 P
Printed in Japan
AUDIO FREQUENCY AMPLIFIER, SWITCHING
NOPN SILICON EPITAXIAL TRANSISTORS
PACKAGE DIMENSIONS
in millimeters (inches)
8.5 MAX.
(0.334 MAX.)
1.2
(0.047)
1.2
(0.047)
0.8
(0.031)
2.3
(0.090)
1.
2.
3.
Emitter
Collector connected to mounting plane
Base
2.3
(0.090)
+0.08
−0.05
0.55
(0.021)
+0.08
−0.05
12 3
φ
φ
2.8 MAX.
(0.110 MAX.)
3.2 ± 0.2 ( 0.126)


Similar Part No. - 2SD2583

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
logo
Inchange Semiconductor ...
2SD2583 ISC-2SD2583 Datasheet
56Kb / 2P
isc Silicon NPN Power Transistor
logo
Thinki Semiconductor Co...
2SD2583 THINKISEMI-2SD2583 Datasheet
304Kb / 5P
NPN Silicon Epitaxial Power Transistor
logo
SHENZHEN YONGERJIA INDU...
2SD2583 WINNERJOIN-2SD2583 Datasheet
126Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SD2583 FOSHAN-2SD2583 Datasheet
827Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
More results

Similar Description - 2SD2583

ManufacturerPart #DatasheetDescription
logo
NEC
2SB1475 NEC-2SB1475 Datasheet
261Kb / 4P
PNP SILICON EPITAXIAL TRANSISTOR AUDIO FREQUENCY AMPLIFIER
2SB1657 NEC-2SB1657 Datasheet
47Kb / 8P
AUDIO FREQUENCY AMPLIFIER, SWITCHING PNP SILICON EPITAXIAL TRANSISTORS
2SB1658 NEC-2SB1658 Datasheet
47Kb / 8P
AUDIO FREQUENCY AMPLIFIER, SWITCHING PNP SILICON EPITAXIAL TRANSISTORS
2SC3624 NEC-2SC3624 Datasheet
222Kb / 4P
AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC4181 NEC-2SC4181 Datasheet
211Kb / 4P
AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTORS
2SD2228 NEC-2SD2228 Datasheet
279Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR AUDIO FREQUENCY AMPLIFIER
2SD2582 NEC-2SD2582 Datasheet
46Kb / 8P
AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTORS
logo
Toshiba Semiconductor
2SC4666 TOSHIBA-2SC4666 Datasheet
153Kb / 3P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY AMPLIFIER, SWITCHING APPLICATIONS)
16-Sep-1997
logo
Unisonic Technologies
UTC2SC945 UTC-UTC2SC945 Datasheet
58Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR(AUDIO FREQUENCY AMPLIFIER)
logo
NEC
2SC3622A NEC-2SC3622A Datasheet
300Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR Audio Frequency Amplifier,Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com